Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST230C18C2 Datasheet(PDF) 7 Page - International Rectifier

Part # ST230C18C2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST230C18C2 Datasheet(HTML) 7 Page - International Rectifier

  ST230C18C2 Datasheet HTML 1Page - International Rectifier ST230C18C2 Datasheet HTML 2Page - International Rectifier ST230C18C2 Datasheet HTML 3Page - International Rectifier ST230C18C2 Datasheet HTML 4Page - International Rectifier ST230C18C2 Datasheet HTML 5Page - International Rectifier ST230C18C2 Datasheet HTML 6Page - International Rectifier ST230C18C2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ST230C..C Series
7
Bulletin I25162 rev. D 04/03
www.irf.com
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteristics
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 11 - Gate Characteristics
Instantaneous On-state Voltage (V)
Square Wave Pulse Duration (s)
Instantaneous Gate Current (A)
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
ST230C..C Series
Tj = 25˚C
Tj = 125˚C
.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Steady State Value
R
= 0.17 K/W
(Single Side Cooled)
R
= 0.08 K/W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST230C..C Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
Device: ST230C..C Series
(3)
(1)
(4)


Similar Part No. - ST230C18C2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST230C14C0 IRF-ST230C14C0 Datasheet
58Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST230C18C2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com