Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2313 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGS2313
Description  4 - 18 GHz VPIN SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2313 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGS2313 Datasheet HTML 1Page - TriQuint Semiconductor TGS2313 Datasheet HTML 2Page - TriQuint Semiconductor TGS2313 Datasheet HTML 3Page - TriQuint Semiconductor TGS2313 Datasheet HTML 4Page - TriQuint Semiconductor TGS2313 Datasheet HTML 5Page - TriQuint Semiconductor TGS2313 Datasheet HTML 6Page - TriQuint Semiconductor TGS2313 Datasheet HTML 7Page - TriQuint Semiconductor TGS2313 Datasheet HTML 8Page - TriQuint Semiconductor TGS2313 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TriQuint Semiconductor Texas:
www.triquint.com Phone (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
May 2008
Key Features
4-18 GHz High Isolation SP3T
1.0 dB Typical Insertion Loss
35 dB Nominal Isolation
12 dB Typical Return Loss
On-Chip Bias Network
DC blocked at RF ports
Chip dimensions: 2.16 x 2.16 x 0.10 mm
(0.085 x 0.085 x 0.004 in)
Primary Applications
EW Receivers
Radar
Communications Systems
Measured Fixtured Data
Icontrol = ± 20mA
Product Description
The TriQuint TGS2313 is a 4-18 GHz
Single Pole Triple Throw (SP3T) Switch.
This part is designed using TriQuint’s
proven standard VPIN production process.
The TGS2313 provides a nominal 1.0 dB
insertion loss, 12 dB return loss, and 35
dB isolation.
The TGS2313 integrates DC blocking
capacitors on all ports and includes
decoupled DC bias pads to reduce the
number of off-chip components.
The part is ideally suited for EW receivers,
radar, and communication systems.
Evaluation Boards are available upon
request.
Lead-free and RoHS compliant.
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
4
6
8
101214
1618
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
4
6
8
101214
1618
Frequency (GHz)
Datasheet subject to change without notice.
4 - 18 GHz VPIN SP3T Switch
TGS2313


Similar Part No. - TGS2313

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
More results

Similar Description - TGS2313

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
TGS2302 TRIQUINT-TGS2302 Datasheet
231Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
   DC-18 GHz SP3T Non-reflective Switch
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
   GaAs 0.5-3.0 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com