Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2351 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGS2351
Description  DC ??6 GHz High Power SPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2351 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGS2351_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 9Page - TriQuint Semiconductor TGS2351_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TGS2351
DC
– 6 GHz High Power SPDT Switch
Data Sheet: Rev B 06/20/12
- 6 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Application Circuit
Vc1 can be biased from either bond pad 3 or 6, and the non-biased bond pad can be left open.
Vc2 can be biased from either bond pad 2 or 7, and the non-biased bond pad can be left open.
This switch can be configured as a Single Pole, Single Throw (SPST) by terminating one unused
RF Out port with a 50 Ohm load.
Bias-up Procedure
Bias-down Procedure
Vc1 or Vc2 set to -40 V (see Function Table below for RF Path)
Turn off RF supply
Vc2 or Vc1 set to 0 V (see Function Table below for RF Path)
Turn Vc1 to 0V
Apply RF signal to RF Input
Turn Vc2 to 0 V
Function Table
RF Path
State
Vc1
Vc2
RF In to RF Out1 (50 Ohm load to RF Out2)
On-State (Insertion Loss)
0 V
-40 V
Off-State (Isolation)
-40 V
0 V
RF In to RF Out2 (50 Ohm load to RF Out1)
On-State (Insertion Loss)
-40 V
0 V
Off-State (Isolation)
0 V
-40 V
1
5
4
2, 7
3, 6
Vc2
J1
RF In
Vc1
J2
RF Out1
J3
RF Out2


Similar Part No. - TGS2351_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
More results

Similar Description - TGS2351_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
   DC-6 GHz Unterminated SPDT Switch
logo
Hexawave, Inc
HWS398 HW-HWS398 Datasheet
116Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com