Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU3103 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU3103
Description  Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU3103 Datasheet(HTML) 1 Page - International Rectifier

  IRLU3103 Datasheet HTML 1Page - International Rectifier IRLU3103 Datasheet HTML 2Page - International Rectifier IRLU3103 Datasheet HTML 3Page - International Rectifier IRLU3103 Datasheet HTML 4Page - International Rectifier IRLU3103 Datasheet HTML 5Page - International Rectifier IRLU3103 Datasheet HTML 6Page - International Rectifier IRLU3103 Datasheet HTML 7Page - International Rectifier IRLU3103 Datasheet HTML 8Page - International Rectifier IRLU3103 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
IRLR/U3103
PD - 9.1333B
l Logic-Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR3103)
l Straight Lead (IRLU3103)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
8/7/96
VDSS = 30V
RDS(on) = 0.019Ω
ID = 46A
…
S
D
G
D - P A K
TO - 2 52 A A
I- P A K
TO - 251A A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The D-PAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU series) is for through-hole mounting
applications. Power dissipation levels up to 1.5 watts are
possible in typical surface mount applications.
Description
PRELIMINARY
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
46
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
29
…
A
IDM
Pulsed Drain Current
‡
220
PD @TC = 25°C
Power Dissipation
69
W
Linear Derating Factor
0.56
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚‡
240
mJ
IAR
Avalanche Current
‡
34
A
EAR
Repetitive Avalanche Energy

6.9
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
2.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
1.8
RθJA
Junction-to-Ambient (PCB mount)**
––––
––––
50
°C/W
RθJA
Junction-to-Ambient
––––
––––
110
Thermal Resistance
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994


Similar Part No. - IRLU3103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLU3103 ISC-IRLU3103 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3103PBF IRF-IRLU3103PBF Datasheet
292Kb / 11P
   Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLU3103PBF VBSEMI-IRLU3103PBF Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLU3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com