Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1723 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1723 Datasheet HTML 1Page - STMicroelectronics AN1723 Datasheet HTML 2Page - STMicroelectronics AN1723 Datasheet HTML 3Page - STMicroelectronics AN1723 Datasheet HTML 4Page - STMicroelectronics AN1723 Datasheet HTML 5Page - STMicroelectronics AN1723 Datasheet HTML 6Page - STMicroelectronics AN1723 Datasheet HTML 7Page - STMicroelectronics AN1723 Datasheet HTML 8Page - STMicroelectronics AN1723 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
June 2012
Doc ID 9553 Rev 4
1/24
AN1723
Application note
Designing with the L5973AD high efficiency DC-DC converter
Introduction
The L5973AD is a step-down monolithic power switching regulator capable of delivering up
to 2 A at output voltages from 1.235 V to 35 V. The operating input voltage ranges from
4.4 V to 36 V. It is realized in BCDV technology and the power switching element is realized
by a P-channel D-MOS transistor. It doesn’t require a bootstrap capacitor, and the duty cycle
can range up to 100%. An internal oscillator fixes the switching frequency at 500 kHz which
minimizes the LC output filter. The synchronization pin is available in case a higher
frequency is required. Pulse-by-pulse and frequency foldback overcurrent protection offer an
effective short-circuit protection. Other features include voltage feed-forward, protection
against feedback disconnection, and inhibit and thermal shutdown. The device is housed in
a HSOP8 package with exposed pad that helps to reduce the thermal resistance junction to
ambient (RThj-a) down to approximately 40 °C/W.
Figure 1.
EVAL5973AD demonstration board
www.st.com


Similar Part No. - AN1723

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
   L6565-BASED LOW COST SMPS FOR TV WITH
More results

Similar Description - AN1723

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1330 STMICROELECTRONICS-AN1330 Datasheet
888Kb / 31P
   Designing with the L5970D 1A high efficiency DC-DC converter
AN1517 STMICROELECTRONICS-AN1517 Datasheet
1Mb / 30P
   Designing with the STEVAL-ISA089V1 high efficiency DC-DC
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
logo
Vishay Siliconix
AN701 VISHAY-AN701 Datasheet
1Mb / 19P
   Designing High-Frequency DC-to-DC Converters With the Si9114A Switchmode Controller
16-Jan-01
logo
NXP Semiconductors
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com