Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1944 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1944
Description  Developing IGBT applications using an TD350 advanced IGBT driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1944 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1944 Datasheet HTML 6Page - STMicroelectronics AN1944 Datasheet HTML 7Page - STMicroelectronics AN1944 Datasheet HTML 8Page - STMicroelectronics AN1944 Datasheet HTML 9Page - STMicroelectronics AN1944 Datasheet HTML 10Page - STMicroelectronics AN1944 Datasheet HTML 11Page - STMicroelectronics AN1944 Datasheet HTML 12Page - STMicroelectronics AN1944 Datasheet HTML 13Page - STMicroelectronics AN1944 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2-Level turn-off
AN1944
10/21
5
2-Level turn-off
In the event of a short-circuit or over-current in the load, a large voltage overshoot can occur
across the IGBT at turn-off and can exceed the IGBT breakdown voltage. By reducing the
gate voltage before turn-off, the IGBT current is limited and the potential over-voltage is
reduced. This technique is called a 2-level turn-off. Both the level and duration of the
intermediate off-level are adjustable. Duration is set by an external resistor/capacitor in
conjunction with the integrated voltage reference for accurate timing. The level can be easily
set by an external Zener diode, and its value is selected depending on the IGBT
characteristics. This 2-level turn-off sequence takes place at each cycle; it has no effect if
the current does not exceed the normal maximum-rated value, but protects the IGBT in case
of over-current (with a slight increase of conduction losses).
This principle is shown on Figure 11. During the 2-level turn-off time, the OUTL output is
controlled by a comparator between the actual OUTL pin and an external reference voltage.
When the voltage on OUTL goes down as a result of the turn-off and reach the reference
threshold, then the OUTL output is disabled and the IGBT gate is not discharged further.
After the 2-level turn-off delay, the OUTL output is enabled again to end the turn-off
sequence.
To keep the output signal width unchanged relative to the input signal, the turn-on is delayed
by the same value as the 2-level turn-off delay (Figure 12).
Figure 11.
Principle schematic for 2-level turn-off feature
The duration of the 2-level turn-off is set by the external RC components, and is given by the
formula:
Equation 1
For example: With Roff=10kΩ and Coff=220pF, tA delay is approximately 1.5 microseconds.
Recommended values are Roff from 10kΩ to 20kΩ, and Coff from 100pF to 330pF, providing
a range of delay from approximately 0.7 to 4.6 microseconds.
Control
Block
120µA
VREF
VH
5
2,5V
7
COFF
LVOFF
11
10
OUTL
VL
Lvoff
off
t
A µs
[]
0.7
R
off KΩ
[]
C
off nF
[]
=


Similar Part No. - AN1944

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
   LOW VOLTAGE LED DRIVER USING
logo
Maxim Integrated Produc...
AN1943 MAXIM-AN1943 Datasheet
211Kb / 4P
   Improving the Performance of the MAX4455 by Reducing On-Screen Display Artifacts
Mar 21, 2003
logo
STMicroelectronics
AN1946 STMICROELECTRONICS-AN1946 Datasheet
659Kb / 35P
   SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
AN1947 STMICROELECTRONICS-AN1947 Datasheet
606Kb / 36P
   ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
More results

Similar Description - AN1944

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com