Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4754A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4754A
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4754A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4754A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4754A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N4754A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIP Type
www.kexin.com.cn
1
Diodes
Zener Diodes
1N4728A ~ 1N4758A
Features
Zener Voltage Range 3.3 to 56 Volts
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
RoHS Compliant
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DO-41
Dimensions in inches and (millimeters)
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
1
W
Thermal Resistance Junction to Ambient
RθJA
100
/W
Thermal Resistance Junction to Lead
RθJL
53.5
/W
Junction Temperature
TJ
200
Storage Temperature range
Tstg
-55 to 200
Electrical Characteristics Ta = 25℃
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
1N4728A
3.3
76
10
1
400
100
1
1N4729A
3.6
69
10
1
400
100
1
1N4730A
3.9
64
9
1
400
50
1
1N4731A
4.3
58
9
1
400
10
1
1N4732A
4.7
53
8
1
500
10
1
1N4733A
5.1
49
7
1
550
10
1
1N4734A
5.6
45
5
1
600
10
2
1N4735A
6.2
41
2
1
700
10
3
1N4736A
6.8
37
3.5
1
700
10
4
1N4737A
7.5
34
4
0.5
700
10
5
1N4738A
8.2
31
4.5
0.5
700
10
6
1N4739A
9.1
28
5
0.5
700
10
7
1N4740A
10
25
7
0.25
700
10
7.6
1N4741A
11
23
8
0.25
700
5
8.4
1N4742A
12
21
9
0.25
700
5
9.1
1N4743A
13
19
10
0.25
700
5
9.9


Similar Part No. - 1N4754A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
666Kb / 4P
   Zener Diodes
logo
Chongqing Pingwei Enter...
1N4754A CHONGQING-1N4754A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Shanghai Shunye Electro...
1N4754A SHUNYE-1N4754A Datasheet
341Kb / 3P
   ZENER DIODES
More results

Similar Description - 1N4754A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com