Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS4310-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGS4310-SM
Description  13-19GHz 2W SPDT Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS4310-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGS4310-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS4310-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TGS4310-SM
13-19GHz 2W SPDT Switch
Preliminary Datasheet: Rev- 09-25-14
- 5 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal - CW
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
Compression vs. Input Power vs. Temp.
RF1: V
DD = 5 V, VBIT = 0 V, CW
Freq. = 16 GHz
-40 0C
+25 0C
+85 0C
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
Compression vs. Input Power vs. Frequency
RFC to RF2: V
DD = 5 V, VBIT = 5 V, CW
Temp. = +25 °C
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
Compression vs. Input Power vs. Frequency
RF2 to RFC: V
DD = 5 V, VBIT = 5 V, CW
Temp. = +25 °C
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz
-0.05
-0.03
-0.01
0.01
0.03
0.05
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
I
DD vs. Input Power vs. Frequency
RF1: V
DD = 5 V, VBIT = 0 V, CW
Temp. = +25 °C
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz
-0.05
-0.03
-0.01
0.01
0.03
0.05
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
I
BIT vs. Input Power vs. Frequency
RF1: V
DD = 5 V, VBIT = 0 V, CW
Temp. = +25 °C
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
25
26
27
28
29
30
31
32
33
34
Input Power (dBm)
Compression vs. Input Power vs. Frequency
RF1: V
DD = 5 V, VBIT = 0 V, CW
Temp. = +25 °C
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz


Similar Part No. - TGS4310-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4310 TRIQUINT-TGS4310 Datasheet
350Kb / 9P
   13-19GHz 5W SPDT Switch
TGS4310 TRIQUINT-TGS4310_15 Datasheet
350Kb / 9P
   13-19GHz 5W SPDT Switch
More results

Similar Description - TGS4310-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4310 TRIQUINT-TGS4310_15 Datasheet
350Kb / 9P
   13-19GHz 5W SPDT Switch
logo
List of Unclassifed Man...
UPG2214TK ETC-UPG2214TK Datasheet
510Kb / 11P
   NEC1/2W LOW VOLTAGE L, S-BAND SPDT SWITCH
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Transcom, Inc.
TA130-155-49-32 TRANSCOM-TA130-155-49-32 Datasheet
30Kb / 1P
   13 - 15.5 GHz 2W Amplifiers
logo
Analog Devices
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
   Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com