Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2539-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGV2539-SM
Description  10.7 ??11.5 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2539-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGV2539-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor TGV2539-SM_15 Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TGV2539-SM
10.7
– 11.5 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-30-13
- 10 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Information
Package Marking and Dimensions
All dimensions are in millimeters.
This package is lead-free/RoHS-compliant. The package base is copper alloy and the plating material on the leads
is 100% matte Sn. It is compatible with both lead-free (maximum 260 °C reflow temperature) and tin-lead (maximum
245 °C reflow temperature) soldering processes.
The TGV2539-
SM will be marked with the “TGV2539SM” designator and date code is marked below the part
designator. The first two digits represent the last two digits of the year the part was manufactured, and the next two
digits represent the work week.


Similar Part No. - TGV2539-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
More results

Similar Description - TGV2539-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2566-SM TRIQUINT-TGV2566-SM_15 Datasheet
803Kb / 14P
   13.4 ??14.4 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com