Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2565-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGV2565-SM
Description  11.3 ??12.3 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2565-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGV2565-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGV2565-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TGV2565-SM
11.3
– 12.3 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-29-13
- 1 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
32-pin 5x5mm package
 Point to Point Radio / VSAT
 Millimeter-wave Communications
 Test Equipment
Product Features
Functional Block Diagram
 Frequency range: 11.3 – 12.3 GHz
 Tune Voltage: 2 – 13 V
 Output power: 11 dBm Typical
 Phase Noise: -111 dBc/Hz@100 KHz Typical
-135 dBc/Hz@1 MHz Typical
 RFout/2 Frequency Range: 5.65 – 6.15 GHz
 RFout/2 Output Power: 8 dBm Typical
 Bias: Vcc = 5V, Icc = 180 mA Typical
 Technology: TriQuint HBT
 Dimension: 5 x 5 x 0.85 mm
General Description
Pin Configuration
The TriQuint TGV2565-SM is a monolithic voltage
controlled oscillator (VCO) designed to operate at
frequencies that target the Point to Point, VSAT, and
millimeter-wave communication markets.
The TGV2565-SM is
manufactured on TriQuint’s
GaAs
InGaP
production
process
and
typically
provides 11 dBm output power at 12 GHz with a
-111dBc/Hz phase noise at 100 KHz offset. A divide-
by-2 output is provided for the PLL function.
Lead-free and RoHS compliant.
Evaluation Boards are available upon request.
Pin #
Function Label
1, 2, 3, 4, 5, 6, 7, 8, 9,
10, 13, 14, 15, 16, 17,
18, 20, 22, 23, 24, 25,
26, 27, 28, 30, 31, 32
NC
11
GND
12
RFout/2
19
RFout
21
Vcc
29
Vtune
Ordering Information
Part No.
ECCN
Description
TGV2565-SM
EAR99
11.3
– 12.3 GHz VCO
with Divide by 2
Standard T/R size = 500 pieces on a 7.0
” reel.
NC
9
8
11
10
12
14
13
15
17
16
NC
NC 4
NC
NC
NC
6
7
5
2
1
NC
NC
NC
3
32
30
31
29
27
28
26
RFout
Vcc
21
20
19
18
NC
NC
24
23
22
NC
NC
NC
25


Similar Part No. - TGV2565-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2561-SM TRIQUINT-TGV2561-SM Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
More results

Similar Description - TGV2565-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2566-SM TRIQUINT-TGV2566-SM_15 Datasheet
803Kb / 14P
   13.4 ??14.4 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2539-SM TRIQUINT-TGV2539-SM_15 Datasheet
803Kb / 14P
   10.7 ??11.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
   DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com