Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR315 Datasheet(PDF) 2 Page - Lumins Inc.

Part # SR315
Description  Cast aluminum driver housing.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR315 Datasheet(HTML) 2 Page - Lumins Inc.

  SR315 Datasheet HTML 1Page - Lumins Inc. SR315 Datasheet HTML 2Page - Lumins Inc. SR315 Datasheet HTML 3Page - Lumins Inc. SR315 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
400
600
SR315 SERIES
SCIROCCO - LED
2
Mounting
ELECtRiCAL
ACCEssoRiEs
ACA Pole mounted attachment with
45º support
ACW Wall mounted attachment with
45º support
APA
Pole mounted shepherd arm attachment
APC
Pole mounted straight arm attachment
APS
Post top shepherd arm attachment
CAT
Catenary suspension attachment
W
Wall mounted shepherd arm attachment
T
Wall mount straight arm attachment
STM
36” Field-cuttable stem with 45º swivel
(other lengths available, please specify)
SPG
Silver braided power cord with
adjustable cable. 36” in length (other
lengths on request).
SC
Safety cable extends 18” over mounting
plate (with stem mounting only)
SSC
Stabilizer cables
HS
House shield installed within the glass
diffuser
FS
Fuse 2
PH
Photocell 2
347L 347V input power driver
Alternate CCT ºK LED
K3
3000ºK CCT LED
K35
3500ºK CCT LED
OPTIONS
notEs
1-
Luminaires are factory prewired for 120V (if no voltage is specified.) For other voltages, please specify with catalog number, or consult factory.
2-
Fuse and photocell options are normally installed with poles when specified with Luminis luminaires. (Except for other types of mounting.)
DescriptiveInformation
Total Lms: 3612 Lumens
Total Input Watts: 53 W
Source: LED
Total efficiency: 68%
BUG Rating: B1-U3-G2
Distribution: Type V
CCT: 4000ºK
Outdoor report
Polar graph
Maximum Candela = 711
SR315-L1W56
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TYPICALPHOTOMETRYSUMMARY
STANDARDCOLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONALCOLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V
277V
Optional
347V
MoDEL#
LED LigHt sELECtion
VoLtAgE 1
FinisH
SR315
LUMINAIRESELECTION
suFFix
L1W30
L1W56
inPut
WAtts
28W
53W
DELiVERED
LuMEns
1910
3612
CRi
80
CCt ºK
4000 ºK


Similar Part No. - SR315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
164Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Vanlong Technology Co.,...
SR315 VANLONG-SR315 Datasheet
91Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PETERMANN-TECHNIK
SR315 PETERMANN-SR315 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - SR315

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
   Cast aluminum driver housing.
SR620 LUMINIS-SR620 Datasheet
927Kb / 4P
   Cast aluminum driver housing.
SR528 LUMINIS-SR528 Datasheet
466Kb / 2P
   Cast aluminum driver housing
SR215 LUMINIS-SR215 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR115 LUMINIS-SR115 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR135 LUMINIS-SR135 Datasheet
993Kb / 5P
   Cast aluminum driver housing.
NT145 LUMINIS-NT145 Datasheet
301Kb / 2P
   Cast aluminum enclosed driver housing
NT145C LUMINIS-NT145C Datasheet
252Kb / 2P
   Cast aluminum enclosed driver housing
NT625C LUMINIS-NT625C Datasheet
196Kb / 2P
   Cast aluminum enclosed driver housing
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com