Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2566-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGV2566-SM
Description  13.4 ??14.4 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2566-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGV2566-SM Datasheet HTML 6Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 7Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 8Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 9Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 10Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 11Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 12Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 13Page - TriQuint Semiconductor TGV2566-SM Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TGV2566-SM
13.4
– 14.4 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-30-13
- 11 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Information
PCB Mounting Pattern
All dimensions are in millimeters [inches].
Notes:
1.The pad pattern shown has been developed and tested for optimized assembly at TriQuint Semiconductor. The
PCB land pattern has been developed to accommodate lead and package tolerances. Since surface mount
processes vary from company to company, careful process development is recommended.
2.Ground / thermal vias are critical for the proper performance of this device. Vias have a final plated thru diameter
of .25 mm (.010”).


Similar Part No. - TGV2566-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2561-SM TRIQUINT-TGV2561-SM Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
More results

Similar Description - TGV2566-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2539-SM TRIQUINT-TGV2539-SM_15 Datasheet
803Kb / 14P
   10.7 ??11.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC529LP5 HITTITE-HMC529LP5 Datasheet
370Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com