Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00081 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 50-00081
Description  Connector, 2.5 mm 4C audio plug, brass nickel plated, white insulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00081 Datasheet(HTML) 2 Page - Tensility International Corp.

  50-00081 Datasheet HTML 1Page - Tensility International Corp. 50-00081 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
July 23, 2010
A
50-00081
Connector, 2.5 mm 4C audio plug, brass
nickel plated, white insulators
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
July 23, 2010
initial release


Similar Part No. - 50-00081

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00080 TENSILITY-50-00080 Datasheet
345Kb / 2P
   Connector, dc plug, 3.0x1.1xL20.0 mm, molding style, spring contacts
50-00082 TENSILITY-50-00082 Datasheet
346Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, nickel plated, white insulators
50-00083 TENSILITY-50-00083 Datasheet
332Kb / 2P
   Connector, mono plug, 2.5 mm, brass, nickel plated, white insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
More results

Similar Description - 50-00081

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00082 TENSILITY-50-00082 Datasheet
346Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, nickel plated, white insulators
50-00199 TENSILITY-50-00199 Datasheet
280Kb / 2P
   Connector, 2.5 x L19.8 mm 4C audio plug, brass nickel plated, black insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00083 TENSILITY-50-00083 Datasheet
332Kb / 2P
   Connector, mono plug, 2.5 mm, brass, nickel plated, white insulators
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
   Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
50-00008 TENSILITY-50-00008 Datasheet
384Kb / 2P
   Connector, 3.5xL26.6 mm, 4C audio plug, brass, nickel plated
50-00093 TENSILITY-50-00093 Datasheet
366Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass Au plated
50-00006 TENSILITY-50-00006 Datasheet
324Kb / 2P
   Connector, 2.5xL21.6 mm, audio plug 4C with metal ring, brass nickel plated
50-00150 TENSILITY-50-00150 Datasheet
355Kb / 2P
   Connector, 3.5xL23 mm, 4C audio plug, brass, nickel plated, for right angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com