Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00083 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 50-00083
Description  Connector, mono plug, 2.5 mm, brass, nickel plated, white insulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00083 Datasheet(HTML) 2 Page - Tensility International Corp.

  50-00083 Datasheet HTML 1Page - Tensility International Corp. 50-00083 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
July 23, 2010
A
50-00083
Connector, mono plug, 2.5 mm, brass, nickel
plated, white insulators
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
July 23, 2010
initial release


Similar Part No. - 50-00083

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00080 TENSILITY-50-00080 Datasheet
345Kb / 2P
   Connector, dc plug, 3.0x1.1xL20.0 mm, molding style, spring contacts
50-00081 TENSILITY-50-00081 Datasheet
359Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass nickel plated, white insulators
50-00082 TENSILITY-50-00082 Datasheet
346Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, nickel plated, white insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
More results

Similar Description - 50-00083

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00081 TENSILITY-50-00081 Datasheet
359Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass nickel plated, white insulators
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
   Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
50-00082 TENSILITY-50-00082 Datasheet
346Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, nickel plated, white insulators
50-00199 TENSILITY-50-00199 Datasheet
280Kb / 2P
   Connector, 2.5 x L19.8 mm 4C audio plug, brass nickel plated, black insulators
50-00132 TENSILITY-50-00132 Datasheet
334Kb / 2P
   Connector, mono plug 2.5xL22 mm, brass nickel plated
50-00134 TENSILITY-50-00134 Datasheet
336Kb / 2P
   Connector, mono plug 3.5xL20.5 mm, brass nickel plated
50-00032 TENSILITY-50-00032 Datasheet
335Kb / 2P
   Connector, mono plug, 2.5xL23 mm, brass, nickel plated, molding style
50-00036 TENSILITY-50-00036 Datasheet
338Kb / 2P
   Connector, mono plug, 3.5xL25.5 mm, brass, nickel plated, molding style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com