Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00091 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00091
Description  Connector, dc jack, 6.5x3.0xL19.7 mm, molding style
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00091 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00091 Datasheet HTML 1Page - Tensility International Corp. 50-00091 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
February 24, 2010
A
50-00091
Connector, dc jack, 6.5x3.0xL19.7 mm,
molding style
Materials:
1
brass, nickel-plated
2
brass, nickel-plated
3
PBT + 15% GF, black
4
phosphor-bronze, nickel-plated
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00091

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00090 TENSILITY-50-00090 Datasheet
342Kb / 2P
   Connector, dc plug, 6.5x3.0x24 mm, molding style
50-00092 TENSILITY-50-00092 Datasheet
344Kb / 2P
   Connector, stereo plug, 2.5xL21.5 mm, brass, nickel plated, molding style
50-00093 TENSILITY-50-00093 Datasheet
366Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass Au plated
50-00094 TENSILITY-50-00094 Datasheet
344Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, Au plated
50-00095 TENSILITY-50-00095 Datasheet
347Kb / 2P
   Connector, 2.5xL20.8 mm 4C audio plug brass, Au plated
More results

Similar Description - 50-00091

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00063 TENSILITY-50-00063 Datasheet
334Kb / 2P
   Connector, dc jack, 3.8x1.35xL16.5 mm, molding style
50-00131 TENSILITY-50-00131 Datasheet
345Kb / 2P
   Connector, dc jack, 5.5x2.5xL17.5 mm, molding style
50-00047 TENSILITY-50-00047 Datasheet
339Kb / 2P
   Connector, dc jack, 4.0x1.7xL16.7 mm, molding style
50-00117 TENSILITY-50-00117 Datasheet
328Kb / 2P
   Connector, dc jack, 3.5x1.35xL15 mm, molding style
50-00053 TENSILITY-50-00053 Datasheet
346Kb / 2P
   Connector, dc jack, 3.35x0.9xL16.5 mm, molding style
50-00055 TENSILITY-50-00055 Datasheet
328Kb / 2P
   Connector, dc jack, 3.0x1.1x5.9xL16.5 mm, molding style
50-00061 TENSILITY-50-00061 Datasheet
339Kb / 2P
   Connector, dc jack, 5.0x2.5xL17.4 mm, molding style
50-00059 TENSILITY-50-00059 Datasheet
319Kb / 2P
   Connector, dc jack, 5.2x2.15xL17.4 mm, molding style
50-00127 TENSILITY-50-00127 Datasheet
330Kb / 2P
   Connector, dc jack, 5.5x2.1xL17.5 mm, molding style
50-00152 TENSILITY-50-00152 Datasheet
339Kb / 2P
   Connector, dc jack, 5.5x2.1xH6.5xL19.5 mm, molding style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com