Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2649 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 2Page - STMicroelectronics AN2649 Datasheet HTML 3Page - STMicroelectronics AN2649 Datasheet HTML 4Page - STMicroelectronics AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics AN2649 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Booster diode
AN2649
6/20
3
Booster diode
The booster diode is selected to withstand the output voltage and current. Moreover, it has
to be as fast as possible in order to reduce the power switch losses (please refer to 3 in
Bibliography on page 18). The STPSC806D (600 V/8 A) SiC diode matches these
specifications and is especially suitable for this application. This part offers the best solution
for the continuous current mode operation due to its very fast recovery time, 15 ns typical.
The diode power losses can be split in two contributions: conduction losses and switching
losses.
The conduction losses can be estimated by:
Equation 5
with
Equation 6
The switching losses are:
Equation 7
where
Vto = threshold voltage
Rd = differential resistance
Vlpk = line voltage peak value
Vout = DC output voltage
IDrms= RMS value of diode current
Qrr= total inverse recovery charge of diode
At low-line input voltage the conduction losses are bigger with respect to the case of high-
line voltage while the switching losses are always negligible due to the small value of Qrr for
every value of di/dt of current imposed by the MOSFET (at turn-on). The last instance is not
true for the silicon diode, because Qrr is bigger and greatly depends on the di/dt value.
Furthermore the silicon diode performance are temperature-dependent (Vf, recovery
current, etc.), while the SiC diode has the same behavior also for high temperature (please
refer to 1 in Bibliography on page 18). In the worst case:
Equation 8
Equation 9
Another important parameter to take into account for the choice of boost diode is the IFSM
value. At startup the output capacitor sinks much current (it is discharged) and the boost
P
Don
V
to
I
out
R
d
I
2
Drms
+
=
I
Drms
P
out
V
lpk
-----------
16 V
lpk
3
π V
out
⋅⋅
---------------------------
=
P
sw
V
out
Qrr f
SW
⋅⋅
=
P
Don
V
to
I
out
R
d
I
2
Drms
0.9V 0.5A
0.065
Ω 1.28
2
A
2
0.55 W
=
+
=
+
=
P
SW
0W


Similar Part No. - AN2649

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
   Intelligent multipower digital ballast for fluorescent lamps
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
   VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
logo
STMicroelectronics
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
   Using the color LCD controller
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
   An introduction to LLC resonant
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
   Migration and compatibility guidelines for STM8S microcontroller applications
More results

Similar Description - AN2649

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
   This note describes the performances
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Panasonic Semiconductor
HHR120AA PANASONIC-HHR120AA Datasheet
24Kb / 1P
   Battery performance and cycle life are strongly affected by how they are used.
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Amkor Technology
MQFPPOWERQUAD2 AMKOR-MQFPPOWERQUAD2 Datasheet
99Kb / 2P
   Exceptional thermal and electrical performance by design include the following
logo
Fairchild Semiconductor
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com