Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2754 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2754
Description  Buck high-brightness LED driver based on the ST1S10
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2754 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2754 Datasheet HTML 3Page - STMicroelectronics AN2754 Datasheet HTML 4Page - STMicroelectronics AN2754 Datasheet HTML 5Page - STMicroelectronics AN2754 Datasheet HTML 6Page - STMicroelectronics AN2754 Datasheet HTML 7Page - STMicroelectronics AN2754 Datasheet HTML 8Page - STMicroelectronics AN2754 Datasheet HTML 9Page - STMicroelectronics AN2754 Datasheet HTML 10Page - STMicroelectronics AN2754 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2754
Buck topology switching power supply
7/20
We can find the inductor current by integrating the inductor voltage waveform.
Equation 5
Figure 6.
Inductor current waveform
Equation 6
The inductor current increase during the ON state is given by:
Equation 7
The OFF state is when the high side is OFF and the low side ON.
Figure 7.
Buck converter circuit while the switch is in position 2
() ( )
t
L
V
V
nT
i
t
nT
i
out
S
L
+
=
+
() ( )
'
'
t
L
V
V
nT
i
t
nT
i
OUT
S
L
+
=
+
nT+DT
nT
(n+1)T
() (
)
''
''
t
L
V
DT
nT
i
t
i
OUT
L
+
=
t
iL
IOUT
t’
t’’
()
DT
L
V
V
nT
i
I
out
S
max
L
+
=
DT
L
V
V
i
out
S
L
=


Similar Part No. - AN2754

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
   6 W single-output VIPer17 demonstration board
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
   400 W FOT-controlled PFC pre-regulator with the L6562A
AN2758 STMICROELECTRONICS-AN2758 Datasheet
226Kb / 8P
   EVAL6226QR demonstration board using a dual full-bridge L6226Q
AN2759 STMICROELECTRONICS-AN2759 Datasheet
267Kb / 9P
   EVAL6227QR demonstration board using a dual full-bridge L6227Q
More results

Similar Description - AN2754

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
   1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
   New RGB color demonstration board based on the STP04CM05 and ST1S10
STEVAL-ILL015V1 STMICROELECTRONICS-STEVAL-ILL015V1 Datasheet
116Kb / 5P
   High brightness RGB LED array with LED error detection based on the STP24DP05 and STM32
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
   LED resonant driver demonstration board based on the L6585DE
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
   High-Brightness, BCM, Low Side Buck White LED Driver
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com