Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2785 Datasheet HTML 1Page - STMicroelectronics AN2785 Datasheet HTML 2Page - STMicroelectronics AN2785 Datasheet HTML 3Page - STMicroelectronics AN2785 Datasheet HTML 4Page - STMicroelectronics AN2785 Datasheet HTML 5Page - STMicroelectronics AN2785 Datasheet HTML 6Page - STMicroelectronics AN2785 Datasheet HTML 7Page - STMicroelectronics AN2785 Datasheet HTML 8Page - STMicroelectronics AN2785 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
AN2785
Pin description
Doc ID 14785 Rev 1
5/51
1
Pin description
Table 1.
Pin description
Pin n.
Pin name
Type
Function
1
PHASE
I
Driver logic input (active high)
2SD
I
Shut-down logic input (active low)
3
BRAKE
I
Driver logic input (active low)
4
VCC
P
Lower section supply voltage
5
DT
I
Dead time setting
6
CPOUT
O
Comparator output (open drain)
7
GND
P
Ground
8
CP-
I
Comparator negative input
9
CP+
I
Comparator positive input
10
LVG (1)
O
Low side driver output
11
NC
Not connected
12
OUT
P
High side (floating) common voltage
13
HVG (1)
1.
The circuit provides less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This allows
omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low; the gate driver also ensures low impedance in SD condition.
O
High side driver output
14
BOOT
P
Floating section (bootstrap) supply voltage


Similar Part No. - AN2785

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
   Solution for designing a 400 W fixed-off-time controlled
AN2783 STMICROELECTRONICS-AN2783 Datasheet
1Mb / 47P
   PM8800 demonstration kit for standard and high power PoE
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
   Using the high-density STM32F10xxx FSMC peripheral to drive external memories
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
   The STEVAL-IHI001V1 is a demonstration board designed to simulate
More results

Similar Description - AN2785

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com