Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2798 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2798 Datasheet HTML 1Page - STMicroelectronics AN2798 Datasheet HTML 2Page - STMicroelectronics AN2798 Datasheet HTML 3Page - STMicroelectronics AN2798 Datasheet HTML 4Page - STMicroelectronics AN2798 Datasheet HTML 5Page - STMicroelectronics AN2798 Datasheet HTML 6Page - STMicroelectronics AN2798 Datasheet HTML 7Page - STMicroelectronics AN2798 Datasheet HTML 8Page - STMicroelectronics AN2798 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
November 2008
Rev 1
1/38
38
AN2798
Application note
Complete DDR2/3 memory power supply
controller based on the PM6670AS
Introduction
The PM6670AS device is a complete DDR2/3 power supply regulator for portable
applications designed to meet JEDEC specifications. It integrates a constant on-time (COT)
buck controller, a 2 A peak sink/source low dropout regulator and a 15 mA low-noise
buffered reference.
The COT architecture assures fast transient response supporting both polymeric and
ceramic output capacitors. An embedded integrator control loop compensates the DC
voltage error due to the output ripple. The 2 A peak sink/source linear regulator provides the
memory termination voltage with fast load transient response.
The device is fully compliant with system sleep states S3 and S4/S5, setting the LDO output
to high impedance in suspend-to-RAM state and performing the tracking discharge of all
outputs in suspend-to-disk state.
Figure 1.
PM6670AS demonstration board
www.st.com


Similar Part No. - AN2798

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN279 SILABS-AN279 Datasheet
346Kb / 8P
   ESTIMATING PERIOD JITTER FROM PHASE NOISE
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
   This document describes a detailed analysis on the current regulated channels
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
   STM8A easy programmer
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
More results

Similar Description - AN2798

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
PM6670AS STMICROELECTRONICS-PM6670AS Datasheet
717Kb / 54P
   Complete DDR2/3 memory power supplies controller
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
   Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
logo
Semtech Corporation
SC488 SEMTECH-SC488 Datasheet
806Kb / 24P
   Complete DDR1/2/3 Memory Power Supply
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
   Complete DDR1/2/3 Memory Power Supply
SC486 SEMTECH-SC486 Datasheet
369Kb / 26P
   Complete DDR1/2/3 Memory Power Supply
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com