Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0018 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN0018
Description  Surface mounting guidelines for MEMS sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0018 Datasheet(HTML) 6 Page - STMicroelectronics

  TN0018 Datasheet HTML 1Page - STMicroelectronics TN0018 Datasheet HTML 2Page - STMicroelectronics TN0018 Datasheet HTML 3Page - STMicroelectronics TN0018 Datasheet HTML 4Page - STMicroelectronics TN0018 Datasheet HTML 5Page - STMicroelectronics TN0018 Datasheet HTML 6Page - STMicroelectronics TN0018 Datasheet HTML 7Page - STMicroelectronics TN0018 Datasheet HTML 8Page - STMicroelectronics TN0018 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Stencil design and solder paste application
TN0018
6/9
DocID12707 Rev 5
3
Stencil design and solder paste application
The thickness and the pattern of the soldering paste are important for the proper MEMS
sensor mounting process.
Stainless steel stencils are recommended for solder paste application;
A stencil thickness of 90 - 150 μm (3.5 - 6 mils) is recommended for screen printing;
The openings of the stencil for the signal pads should be between 70% and 90% of the
PCB pad area;
Optionally, for better solder paste release, the aperture walls should be trapezoidal and
the corners rounded;
The fine pitch of the IC leads requires accurate alignment of the stencil to the printed
circuit board. The stencil and printed circuit assembly should be aligned to within 25 μm
(1 mil) prior to application of the solder paste.
4
Process considerations
The soldering profile depends on the number, size and placement of components in the
application board. For this reason it is not possible to define a unique soldering profile
for the sensor only. The customer should use a time and temperature reflow profile
based on PCB design and manufacturing expertise.
In order to reduce residual stress on the components, the recommended ramp-down
temperature slope should not exceed -3 °C/s.
No solder material reflow on the side of the package is allowed since LGA packages
show metal traces on the side of the package.
If “self-cleaning” solder paste is not used, the board must be properly cleaned after
soldering to eliminate any possible source of leakage between adjacent pads due to
flux residues.
The final volume of soldering paste applied to each PCB land is recommended to be
within 20% among (all) the PCB land pads.
Based on the Jedec 9702 standard, a component shows negligible output variation up
to stress intensity of 500 me (microstrain).


Similar Part No. - TN0018

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TN0023 BOTHHAND-TN0023 Datasheet
176Kb / 1P
   10/100 BASE -T MAGNETICS MODULES
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
   Discontinuous flyback transformer
TN0024 STMICROELECTRONICS-TN0024 Datasheet
140Kb / 11P
   Power supply HOLD-UP time
TN0025 STMICROELECTRONICS-TN0025 Datasheet
94Kb / 7P
   LED balancing circuit with power limit
TN0026 STMICROELECTRONICS-TN0026 Datasheet
119Kb / 9P
   LED balancing circuits
More results

Similar Description - TN0018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
   Surface mount guidelines for MEMS sensors in HLGA packages
AN4211 STMICROELECTRONICS-AN4211 Datasheet
796Kb / 13P
   Guidelines for soldering MEMS microphones
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
   Guidelines for designing touch sensing applications with surface sensors
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
   Guidelines for migrating
logo
List of Unclassifed Man...
GG1178 ETC1-GG1178 Datasheet
71Kb / 2P
   MEMS Rotational Rate Sensors
logo
STMicroelectronics
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
   PCB guidelines for SPEAr1340
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com