Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-007654-CD0A10 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-007654-CD0A10
Description  CATV Diplex Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-007654-CD0A10 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAFL-007654-CD0A10_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-007654-CD0A10_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-007654-CD0A10_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-007654-CD0A10_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CATV Diplex Filter
5 - 42 / 54 - 1000MHz
Rev. V5
MAFL-007654-CD0A10
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 75Ω
3. LFP rejection measured at 53.25MHz to guarantee 53dB min. rejection
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
5 - 42MHz / 54 - 1000MHz
Insertion Loss
Rejection
5 - 42MHz
54 - 60MHz
60 - 200MHz
dB
dB
dB
-
-53
-55
-0.5
-55
-58
-1.1
-
-
Insertion Loss
54 - 60MHz
60 - 1000MHz
dB
dB
-
-
-1.1
-0.5
-1.3
-1.1
Filter Isolation
5 - 39.5MHz
39.5 - 42MHz
dB
dB
-55
-48
-62
-55
-
-
Filter Isolation
54 - 60MHz
60 - 500MHz
500 - 860MHz
860 - 1000MHz
dB
dB
db
dB
-53
-55
-50
-45
-55
-58
-55
-50
-
-
-
Input Return Loss
5 - 42MHz
dB
-14
-17
-
Input Return Loss
54 - 64MHz
64 - 74MHz
74 - 650MHz
650 - 1000MHz
dB
dB
dB
dB
-10
-12
-15
-14
-14
16
20
16
-
-
-
-


Similar Part No. - MAFL-007654-CD0A10_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-007654-CD0A10_V5 MA-COM-MAFL-007654-CD0A10_V5 Datasheet
133Kb / 4P
   CATV Diplex Filter
More results

Similar Description - MAFL-007654-CD0A10_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550_15 Datasheet
115Kb / 3P
   CATV Diplex Filter
MAFL-008195-CD0AC0 MA-COM-MAFL-008195-CD0AC0_15 Datasheet
107Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550_15 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
77Kb / 3P
   CATV Diplex Filter
MAFL-009272-CD0AC0-V5 MA-COM-MAFL-009272-CD0AC0-V5 Datasheet
508Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com