Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-007898-CD0AC0 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-007898-CD0AC0
Description  CATV Diplex Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-007898-CD0AC0 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAFL-007898-CD0AC0_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CATV Diplex Filter
50 - 870 / 975 - 1525 / 2000 - 3000MHz
MAFL-007898-CD0AC0
V1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 75Ω
1
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
50 - 870 / 975 - 1525 / 2000 - 3000
MHz
Common to Low
Insertion Loss
Stopband Rejection
50 - 750MHz
750 - 870MHz
975 - 1025MHz
1025 - 1350MHz
1350 - 1525MHz
1790 - 2100MHz
dB
dB
dB
dB
dB
dB
35
40
37
20
0.9
1.8
42
45
42
30
1.5
2.5
-
-
-
-
Common to High
Insertion Loss
Stopband Rejection
975 - 1525MHz
50 - 750MHz
750 - 870MHz
2000 - 3000MHz
dB
dB
dB
dB
-
40
34
15
1.2
45
40
20
2.5
-
-
-
Low to High
Isolation
50 - 750MHz
750 - 870MHz
975 - 1025MHz
1025 - 1350MHz
1350 - 1525MHz
dB
dB
dB
dB
dB
40
34
35
40
37
45
40
42
45
30
-
-
Common Port Return Loss
50 - 300MHz
301 - 600MHz
601 - 870MHz
975 - 1525MHz
dB
dB
dB
dB
13
12
10
10
15
15
15
14
-
-
-
-


Similar Part No. - MAFL-007898-CD0AC0_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFL-007898-CD0AC0 MACOM-MAFL-007898-CD0AC0 Datasheet
90Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
logo
M/A-COM Technology Solu...
MAFL-007898-CD0AC0 MA-COM-MAFL-007898-CD0AC0 Datasheet
82Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
MAFL-007898-CD0AC0 MA-COM-MAFL-007898-CD0AC0 Datasheet
82Kb / 4P
   CATV Diplex Filter
More results

Similar Description - MAFL-007898-CD0AC0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10_15 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550_15 Datasheet
115Kb / 3P
   CATV Diplex Filter
MAFL-008195-CD0AC0 MA-COM-MAFL-008195-CD0AC0_15 Datasheet
107Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550_15 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
77Kb / 3P
   CATV Diplex Filter
MAFL-009272-CD0AC0-V5 MA-COM-MAFL-009272-CD0AC0-V5 Datasheet
508Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com