Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM5818 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # FM5818
Description  CHIP SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

FM5818 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  FM5818 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD FM5818 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS
Plastic package gas Underwriters Laboratory
Flammability Classification 94V-O Unilizing Flame
Retardant Epoxy Molding Compound.
For surfact mounted applications.
Exceeds environmental standards of MIL-S-19500/228
Low leakage current.
Molded plastic,JEDEC DO-241AC
Solder plates,solderable per MIL-STD-750
Method 2026
Indicated by cathode end
Any
0.0015 ounce,0.05 gram
(AT T =
unless otherwise note)
Case:
Terminals:
Polarity:
Mounting position:
Weight:
A
25 C
o
CONDITIONS
UNITS
pF
O C/W
OC
CHIP SCHOTTKY BARRIER DIODES
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Operating temperature
Lead temperature = 90
8.3ms signle half sine-wave superimposed
on rate load (JEDEC methode)
V = V
T = 25
R
RRM
A
V = V
T = 125
R
RRM
A
Junction to ambient
F = 1MHz and applied 4vDC reverse voltage
OC
OC
Io
IFSM
IR
R JA
CJ
TJ
-55
15
1.0
25
10
95
+150
0.5
OC
mA
mA
A
A
SYMBOL
MARKING
CODE
V
*
(v)
RRM
1
V
*
(v)
RM
2
s
V *
(v)
R
3
V *
(v)
F 4
Storage
temperature
(
)
OC
FM5817
FM5818
FM5819
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Forward rectified current
Glass passivated type
SK12
SK13
SK14
20
30
40
14
21
28
20
30
40
-55 to +150
0.45
0.55
0.60
SK12-SK14
0.205(5.2)
0.189(4.8)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.181(4.6)
0.165(4.2)
0.075(1.9)
0.067(1.7)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA-L
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - FM5818

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5818 RECTRON-FM5818 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM5818 FORMOSA-FM5818 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
logo
Rectron Semiconductor
FM5818 RECTRON-FM5818 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
FM5818 PACELEADER-FM5818 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
FM5818 RECTRON-FM5818 Datasheet
351Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FM5818

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Shenzhen Taychipst Elec...
MBRA120T3 TAYCHIPST-MBRA120T3 Datasheet
6Mb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
SHENZHEN YONGERJIA INDU...
FM220-M WINNERJOIN-FM220-M Datasheet
96Kb / 2P
   Chip Schottky Barrier Diodes
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
   Chip Schottky Barrier Diodes
logo
SHENZHEN YONGERJIA INDU...
SL52B WINNERJOIN-SL52B Datasheet
330Kb / 2P
   Chip Schottky Barrier Diodes
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
FM120-M WINNERJOIN-FM120-M Datasheet
97Kb / 2P
   Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com