Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDR411S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR411S
Description  SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR411S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR411S Datasheet HTML 1Page - KEC(Korea Electronics) KDR411S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 10. 2
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR411S
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
LOW POWER RECTIFICATION
FOR SWITCHING POWER SUPPLY.
FEATURES
Small Surface Mounting Type. (SOT-23)
Low Forward Voltage : VF max=0.5V
High Reliability
CONSTRUCTION
Silicon epitaxial planar.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. NC
2. ANODE
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
U 3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
20
V
Average Forward Current
IO
0.5
A
Peak Forward Surge Current
IFSM
3
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-40 +125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF (1)
IF=10mA
-
-
0.3
V
VF (2)
IF=500mA
-
-
0.5
V
Reverse Current
IR
VR=10V
-
-
30
A
Total Capacitance
CT
VR=10V, f=1MHz
-
20
-
pF


Similar Part No. - KDR411S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR411S KEC-KDR411S_15 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR411S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR412 KEC-KDR412 Datasheet
388Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR411 KEC-KDR411 Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW PWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
SMAB13 KEC-SMAB13 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB33 KEC-SMAB33 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB34 KEC-SMAB34 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB14 KEC-SMAB14 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB16 KEC-SMAB16 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB36 KEC-SMAB36 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB210 KEC-SMAB210 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com