Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDR505S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR505S
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR505S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR505S Datasheet HTML 1Page - KEC(Korea Electronics) KDR505S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR505S
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
High frequency rectification
(Switching regulators, converters, choppers)
FEATURES
Low Forward Voltage : VF max=0.55V.
Low Leakage Current : IR max=20 A.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. NC
2. ANODE
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
DM
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=200 A
50
-
-
V
Forward Voltage
VF
IF=0.5A
-
-
0.55
V
Reverse Current
IR
VR=25V
-
-
20
A
Total Capacitance
CT
VR=10V, f=1MHz
-
22
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
50
V
Reverse Voltage
VR
50
V
Average Forward Current
IO
0.5
A
Non-repetitive Peak Surge Current
IFSM
5
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 125


Similar Part No. - KDR505S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR505S KEC-KDR505S_15 Datasheet
416Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR505S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
logo
Leshan Radio Company
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
   Schottky barrier diode High-frequency rectification
logo
KEC(Korea Electronics)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR732 KEC-KDR732 Datasheet
391Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
KDR511T KEC-KDR511T Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
KDR521T KEC-KDR521T Datasheet
64Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
logo
Leshan Radio Company
LRB751G-40T1G LRC-LRB751G-40T1G Datasheet
448Kb / 4P
   Schottky barrier diode General rectification
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com