Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2839 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 2Page - STMicroelectronics AN2839 Datasheet HTML 3Page - STMicroelectronics AN2839 Datasheet HTML 4Page - STMicroelectronics AN2839 Datasheet HTML 5Page - STMicroelectronics AN2839 Datasheet HTML 6Page - STMicroelectronics AN2839 Datasheet HTML 7Page - STMicroelectronics AN2839 Datasheet HTML 8Page - STMicroelectronics AN2839 Datasheet HTML 9Page - STMicroelectronics AN2839 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Designing an application with L6228
AN2839
6/40
Doc ID 15104 Rev 1
Figure 4.
Voltage at the two outputs at the beginning of the off-time
1.3
Choosing the bulk capacitor
Since the bulk capacitor, placed between the VS and GND pins, is charged and discharged
during IC operation, its AC current capability must be greater than the RMS value of the
charge/discharge current. This current flows from the capacitor to the IC during the on time
(tON) and from the IC (in fast decay; from the power supply in slow decay) to the capacitor
during the off time (tOFF). The RMS value of the current flowing into the bulk capacitor
depends on the peak output current, output current ripple, switching frequency, duty cycle
and chopping style. It also depends on the characteristics of the power supply. A power
supply with poor high-frequency performances (or long, inductive connections to the IC) will
cause the bulk capacitor to be recharged slowly: the higher the current control switching
frequency, the higher the current ripple in the capacitor; RMS current in the capacitor,
however, does not exceed the RMS output current. The bulk capacitor value (C) and the
ESR determine the amount of voltage ripple on the capacitor itself and on the IC. In slow
decay, neglecting the dead-time and output current ripple, and assuming that during the on
time the capacitor is not recharged by the power supply, the voltage at the end of the on time
is:
Equation 1
so the supply voltage ripple is:
Equation 2
where IOUT is the output current. In fast decay, instead, the recirculating current recharges
the capacitor, causing the supply voltage to exceed the nominal voltage. This can be very
dangerous if the nominal supply voltage is close to the maximum recommended supply
voltage (52 V).
In fast decay the supply voltage ripple is about:
V
S
I
OUT
ESR
t
ON
C
-----------
+
⎝⎠
⎛⎞
I
OUT
ESR
t
ON
C
-----------
+
⎝⎠
⎛⎞


Similar Part No. - AN2839

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
   Dual step-down controller with auxiliary voltages for industrial system power
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
   How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
More results

Similar Description - AN2839

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
L9935 STMICROELECTRONICS-L9935 Datasheet
159Kb / 19P
   TWO-PHASE STEPPER MOTOR DRIVER
logo
MotionKing Motor Indust...
2L542 MOTIONKING-2L542 Datasheet
229Kb / 5P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2LA860 MOTIONKING-2LA860 Datasheet
574Kb / 9P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2L110M MOTIONKING-2L110M Datasheet
272Kb / 5P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
logo
STMicroelectronics
AN1451 STMICROELECTRONICS-AN1451 Datasheet
1Mb / 43P
   L6208 FULLY INTEGRATED TWO PHASE
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com