Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 5Page - STMicroelectronics AN2852 Datasheet HTML 6Page - STMicroelectronics AN2852 Datasheet HTML 7Page - STMicroelectronics AN2852 Datasheet HTML 8Page - STMicroelectronics AN2852 Datasheet HTML 9Page - STMicroelectronics AN2852 Datasheet HTML 10Page - STMicroelectronics AN2852 Datasheet HTML 11Page - STMicroelectronics AN2852 Datasheet HTML 12Page - STMicroelectronics AN2852 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN2852
Operating waveforms
9/35
Figure 5.
Detailed AHB zero-voltage switching at half load
The key waveforms at the secondary side are shown in Figure 6. It is interesting to note that,
while the current is swapped between the two diodes, the voltage at their cathode is nearly
zero.
Figure 6.
AHB secondary side key waveforms at full load
AM01820v1
Ch1: LVG pin voltage (yellow)
Ch3: HVG pin voltage (purple)
Ch4: primary winding current (green)
AM01821v1
Ch1: D12 and D13 common cathode voltage (yellow)
Ch3: FGND pin voltage (purple)
Ch4: diode D13 current (green)
Ch2: diode D12 current (blue)


Similar Part No. - AN2852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2855 STMICROELECTRONICS-AN2855 Datasheet
103Kb / 8P
   Configuration for single-click
AN2857 STMICROELECTRONICS-AN2857 Datasheet
274Kb / 31P
   STM8S and STM8A family power management
AN2859 STMICROELECTRONICS-AN2859 Datasheet
568Kb / 29P
   Multiplexed diagnostics of AC switches using two STCC08
More results

Similar Description - AN2852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3172 STMICROELECTRONICS-AN3172 Datasheet
1Mb / 31P
   This application note describes the performance of a 90 W
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
   This application note describes the characteristics and performance
logo
Silicon Laboratories
SI8920ISO-EVB SILABS-SI8920ISO-EVB Datasheet
360Kb / 10P
   This document describes the operation of the Si8920ISO-EVB
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
   This application note describes the characteristics and the features
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
   This application note describes the characteristics and the features
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
   This application note describes the characteristics and the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com