Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-700B Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # BTA24-700B
Description  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-700B Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

Back Button BTA24-700B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
40.00
1.575
A1
29.90
30.30
1.177
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.551
C1
3.50
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
A
E3
N2
N1
B
F
I
A1
B1
L1
A2
L2
B2
C
C2
C1
BTA24, BTB24, BTA25, BTA26
and T25 series
Table 8.
RD91 Package dimensions
2014-6-16
www.kersemi.com
8


Similar Part No. - BTA24-700B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA24-700BW KERSEMI-BTA24-700BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results

Similar Description - BTA24-700B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com