Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS135 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDS135
Description  SILICON EPITAXIAL PLANAR DIODE (HIGH VOLTAGE SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS135 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS135 Datasheet HTML 1Page - KEC(Korea Electronics) KDS135 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 6. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS135
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
High Voltage Switching.
FEATURES
High Reliability.
Small surface mounting type (USC).
MAXIMUM RATING (Ta=25 )
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
300
V
Reverse Voltage
VR
250
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current (10mS)
IFSM
2
A
Power Dissipation
PD
150*
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
* Mounted on a glass epoxy cirvuit board of 20 20mm
Pad dimension of 4 4mm
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=100mA
-
1.0
1.2
V
Reverse Current
IR(1)
VR=250V
-
0.04
0.2
A
IR(2)
VR=300V
-
-
100
Total Capacitance
CT
VR=0V, f=1MHz
-
1.35
3
pF
Reverse Recovery Time
trr
IR=30mA, IF=30mA
-
30
100
nS
Type Name
Marking
A
J


Similar Part No. - KDS135

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS135 KEC-KDS135 Datasheet
349Kb / 1P
   USC PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S_15 Datasheet
431Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDS135 KEC-KDS135_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDS135 KEC-KDS135_15 Datasheet
488Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDS135

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
RLS245 DGNJDZ-RLS245 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar High Voltage Switching Diode
logo
AiT Semiconductor Inc.
BAV19WS AITSEMI-BAV19WS Datasheet
618Kb / 5P
   SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Hitachi Semiconductor
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com