Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

UPD22100 Datasheet(PDF) 12 Page - NEC

Part # UPD22100
Description  CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD22100 Datasheet(HTML) 12 Page - NEC

Back Button UPD22100 Datasheet HTML 8Page - NEC UPD22100 Datasheet HTML 9Page - NEC UPD22100 Datasheet HTML 10Page - NEC UPD22100 Datasheet HTML 11Page - NEC UPD22100 Datasheet HTML 12Page - NEC UPD22100 Datasheet HTML 13Page - NEC UPD22100 Datasheet HTML 14Page - NEC UPD22100 Datasheet HTML 15Page - NEC UPD22100 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
µPD22100, 22148
12
APPLICATION CIRCUITS
µPD22100
µPD22100/22148 BIAS CIRCUIT
Yn
Xn
R
1/4 PD4081BC
= RC
> 50 ms
(For Power ON Reset Time)
τ
µ
C
AA
BB
CC
DD
STROBE
STROBE
DATA IN
DATA IN
VDD
Yn
PD22100C
µ
VDD
VSS
R
R = 10 k
Ω to 100 kΩ
*
PD22148 only
µ
R
VCC* = 5 V
VDD
VSS
R
R
VDD
VSS
Yn
Yn
Xn
Xn


Similar Part No. - UPD22100

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
UPD22100 RENESAS-UPD22100 Datasheet
272Kb / 18P
   MOS INTEGRATED CIRCUIT
1987
UPD22100C RENESAS-UPD22100C Datasheet
272Kb / 18P
   MOS INTEGRATED CIRCUIT
1987
UPD22100GS RENESAS-UPD22100GS Datasheet
272Kb / 18P
   MOS INTEGRATED CIRCUIT
1987
More results

Similar Description - UPD22100

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Hynix Semiconductor
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
Harris Corporation
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
STMicroelectronics
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
Samsung semiconductor
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Intersil Corporation
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
Harris Corporation
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
STMicroelectronics
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Intersil Corporation
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com