Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJA1500 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # WJA1500
Description  5 V Active-Bias InGaP HBT Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

WJA1500 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  WJA1500 Datasheet HTML 1Page - TriQuint Semiconductor WJA1500 Datasheet HTML 2Page - TriQuint Semiconductor WJA1500 Datasheet HTML 3Page - TriQuint Semiconductor WJA1500 Datasheet HTML 4Page - TriQuint Semiconductor WJA1500 Datasheet HTML 5Page - TriQuint Semiconductor WJA1500 Datasheet HTML 6Page - TriQuint Semiconductor WJA1500 Datasheet HTML 7Page - TriQuint Semiconductor WJA1500 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WJA1500
+5 V Active-Bias InGaP HBT Gain Block
Data Sheet: Rev A 2/20/12
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Performance Plots - WJA1500-PCB
Test conditions unless otherwise noted: Vsupply = 5 V, Icc = 94 mA, Tcase = +25
°C
10
12
14
16
18
20
22
0
500
1000
1500
2000
Frequency (MHz)
Gain vs. Frequency
+85
°C
+25
°C
−40°C
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
Return Loss vs. Frequency
S11
S22
3
4
5
6
7
8
0
200
400
600
800
1000
Frequency (MHz)
Noise Figure vs. Frequency
+85
°C
+25
°C
−40°C
12
14
16
18
20
22
10
12
14
16
18
20
Pout (dBm)
Gain vs. Pout
Temp=+25
C
f=200 MHz
25
30
35
40
45
50
0
200
400
600
800
1000
Frequency (MHz)
OIP3 vs. Frequency
+85
°C
+25
°C
−40°C
Pout =8 dBm/tone
1 MHz Tone Spacing
30
35
40
45
50
55
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
VCC
OIP3 vs. VCC
Pout =8 dBm/tone
f=200 MHz
1 MHz Tone Spacing
45
50
55
60
65
70
75
0
200
400
600
800
1000
Frequency (MHz)
OIP2 vs. Frequency
Temp=+25
C
Pout=+4 dBm
18
19
20
21
22
23
0
200
400
600
800
1000
Frequency (MHz)
P1dB vs. Frequency
+85
°C
+25
°C
−40°C
18
19
20
21
22
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VCC (V)
P1dB vs. VCC
Temp=+25
C
f=200 MHz
92
94
96
98
100
102
-50
-25
0
25
50
75
100
Temperature (°C)
Icc vs. Temperature
VCC=+5V
20
40
60
80
100
120
140
160
4.0
4.5
5.0
5.5
6.0
VCC (V)
ICC vs. VCC
+85
°C
+25
°C
−40°C


Similar Part No. - WJA1500

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1500-PCB WJCI-WJA1500-PCB Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results

Similar Description - WJA1500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-3082S RFMD-SBB-3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block
logo
WJ Communication. Inc.
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1015 WJCI-WJA1015 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1030 TRIQUINT-WJA1030 Datasheet
179Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com