Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1034-1 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1034-1
Description  Micropower Dual Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1034-1 Datasheet(HTML) 2 Page - Linear Technology

  RH1034-1 Datasheet HTML 1Page - Linear Technology RH1034-1 Datasheet HTML 2Page - Linear Technology RH1034-1 Datasheet HTML 3Page - Linear Technology RH1034-1 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH1034-1.2
2
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
TYP
MAX
SUB-
GROUP
MIN
TYP
MAX
SUB-
GROUP
UNITS
1.2V Reference
VZ
Reverse Breakdown Voltage IR = 100μA
1.210
1.240
1
1.195
1.255
2, 3
V
ΔVZ
ΔIR
Reverse Breakdown Voltage
Change with Current
20μA ≤ IR ≤ 2mA
2mA ≤ IR ≤ 20mA
2.0
8.0
1
1
4.0
15.0
2, 3
2, 3
mV
mV
Minimum Operating Current
20
1
30
2, 3
μA
Temperature Coefficient
IR = 100μA
60
1
60
2, 3
ppm/°C
rz
Reverse Dynamic
Impedance
IR = 100μA
3
1.0
1
2.0
2, 3
Ω
Low Frequency Noise
IR = 100μA, 0.1Hz ≤ f ≤ 10Hz
4
μVP-P
Long-Term Stability
IR = 100μA
20
ppm/√kHrs
7V Reference
VZ
Reverse Breakdown Voltage IR = 100μA
6.70
7.30
1
6.60
7.40
2, 3
V
ΔVZ
ΔIR
Reverse Breakdown Voltage
Change with Current
100μA ≤ IR ≤ 1mA
1mA ≤ IR ≤ 20mA
140
250
1
1
190
350
2, 3
2, 3
mV
mV
Temperature Coefficient
IR = 100μA
60
ppm/°C
Long-Term Stability
IR = 100μA
20
ppm/√kHrs
TA = 25°C
–55°C ≤ TA ≤ 125°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
TABLE 2: ELECTRICAL CHARACTERISTICS (Postirradiation) T
A = 25°C.
SYMBOL PARAMETER
CONDTIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
1.2V Reference
VZ
Reverse Breakdown
Voltage
IR = 100μA
1.202 1.305 1.202 1.315 1.202 1.325 1.202 1.340 1.202 1.370
V
ΔVZ
ΔIR
Reverse Breakdown
Voltage Change with
Current
20μA ≤ IR ≤ 2mA
2mA ≤ IR ≤ 20mA
7.0
15.0
7.5
16.5
8.5
18.5
10.0
22.5
12.5
30.5
mV
mV
rz
Reverse Dynamic
Impedance
IR = 100μA
3
3.5
3.75
4.25
5.0
6.25
Ω
7V Reference
VZ
Reverse Breakdown
Voltage
IR = 100μA
6.686 7.314 6.686 7.314 6.686 7.314 6.686 7.324 6.686 7.334
V
ΔVZ
ΔIR
Reverse Breakdown
Voltage Change with
Current
100μA ≤ IR ≤ 1mA
1mA ≤ IR ≤ 20mA
175
300
175
300
175
300
175
300
175
300
mV
mV
10KRAD(Si) 20KRAD(Si) 50KRAD(Si) 100KRAD(Si) 200KRAD(Si)
Note 2: Forward biasing either diode will affect the operation of the other
diode.
Note 3: This parameter guaranteed by “reverse breakdown voltage change
with current” test.


Similar Part No. - RH1034-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
More results

Similar Description - RH1034-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com