Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1034-1 Datasheet(PDF) 3 Page - Linear Technology

Part # RH1034-1
Description  Micropower Dual Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1034-1 Datasheet(HTML) 3 Page - Linear Technology

  RH1034-1 Datasheet HTML 1Page - Linear Technology RH1034-1 Datasheet HTML 2Page - Linear Technology RH1034-1 Datasheet HTML 3Page - Linear Technology RH1034-1 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH1034-1.2
3
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TABLE 4: ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3
Group A Test Requirements (Method 5005)
1,2,3
Group B and D for Class S,
End Point Electrical Parameters (Method 5005)
1,2,3
*PDA applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after
burn-in divided by the total number of devices submitted for burn-in in that
lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TOTAL DOSE BIAS CIRCUIT
TABLE 3: POST BURN-IN ENDPOINTS AND DELTA LIMITS
REQUIREMENTS T
A = 25°C
SYMBOL PARAMETER
CONDITIONS
ENDPOINTS LIMITS
DELTA LIMITS
UNITS
MIN
MAX
MIN
MAX
VZ
Reverse Breakdown Voltage
IR = 100μA
1.210
1.240
–0.003
0.003
V
14k
20V
7V
19.1k
1.2V
RH10341.2 BC


Similar Part No. - RH1034-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
More results

Similar Description - RH1034-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com