Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1498M Datasheet(PDF) 8 Page - Linear Technology

Part # RH1498M
Description  10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498M Datasheet(HTML) 8 Page - Linear Technology

  RH1498M Datasheet HTML 1Page - Linear Technology RH1498M Datasheet HTML 2Page - Linear Technology RH1498M Datasheet HTML 3Page - Linear Technology RH1498M Datasheet HTML 4Page - Linear Technology RH1498M Datasheet HTML 5Page - Linear Technology RH1498M Datasheet HTML 6Page - Linear Technology RH1498M Datasheet HTML 7Page - Linear Technology RH1498M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RH1498M
8
rh1498mff
For more information www.linear.com/RH1498M
LINEAR TECHNOLOGY CORPORATION 2003
I.D. No. 66-10-1498 • LT 1014 REV F • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/RH1498M
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Input Bias Current
vs Common Mode Voltage
Open-Loop Voltage Gain
vs Temperature
Supply Current vs Supply Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
TOTAL SUPPLY VOLTAGE (V)
0
1.0
1.5
32
RH1498 G10
0.5
0
8
16
24
4
36
12
20
28
2.0
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
25
RH1498 G11
1.0
0.5
–25
0
50
0
2.0
1.5
75
100 125
VS = ±15V
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–2
0
200
2
3
4
5
6
RH1498 G12
–200
–400
–1
0
1
400
–100
100
–300
300
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50 –25
100
1000
10000
0
25
50
75
100 125
RH1498 G13
10
RL = 2k
VS = ±15V
TEMPERATURE (°C)
–50
400
300
200
100
0
–100
–200
–300
–400
70
RH1498 G14
–20
10
40
–35
85
–5
25
55
100
VS = 5V, 0V
VCM = 5V
VS = 5V, 0V
VCM = 0V
VS = ±15V
VCM = 15V
VS = ±15V
VCM = –15V
NPN ACTIVE
PNP ACTIVE
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
RH1498 G15
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
RH1498 G16
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C


Similar Part No. - RH1498M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
   10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
More results

Similar Description - RH1498M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1498 LINER-RH1498_15 Datasheet
371Kb / 2P
   10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
   10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498 LINER-RH1498 Datasheet
165Kb / 2P
   10MHz, 6V/關s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M_15 Datasheet
151Kb / 8P
   10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M Datasheet
98Kb / 8P
   10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
LT1499 LINER-LT1499_15 Datasheet
291Kb / 24P
   10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498 LINER-LT1498_15 Datasheet
291Kb / 24P
   10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498 LINER-LT1498 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com