Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH3080MK Datasheet(PDF) 5 Page - Linear Technology

Part # RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3080MK Datasheet(HTML) 5 Page - Linear Technology

  RH3080MK Datasheet HTML 1Page - Linear Technology RH3080MK Datasheet HTML 2Page - Linear Technology RH3080MK Datasheet HTML 3Page - Linear Technology RH3080MK Datasheet HTML 4Page - Linear Technology RH3080MK Datasheet HTML 5Page - Linear Technology RH3080MK Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH3080MK DICE/DWF
5
rh3080mkfb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
tyPical PerForMance characteristics
SET Pin Current
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Dropout Voltage
(Minimum IN Voltage)
Offset Voltage (VOUT-VSET)
Minimum Load Current
Current Limit
TOTAL DOSE (KRADS)
0
10.00
10.05
10.10
200
RH3080 G01
9.95
9.90
9.80
50
100
150
9.85
10.20
10.15
TOTAL DOSE (KRADS)
0
0
0.5
1.0
200
RH3080 G02
–0.5
–1.0
–2.0
50
100
150
–1.5
2.0
IL = 1mA
1.5
TOTAL DOSE (KRADS)
0
0.4
0.5
0.6
200
RH3080 G03
0.3
0.2
0
50
100
150
0.1
0.8
0.7
VIN,CONTROL – VOUT = 26V
VIN,CONTROL – VOUT = 10V
TOTAL DOSE (KRADS)
0
0.8
1.0
1.2
200
RH3080 G04
0.6
0.4
0
50
100
150
0.2
1.6
1.4
IL = 100mA
TOTAL DOSE (KRADS)
0
100
125
150
200
RH3080 G05
75
50
0
50
100
150
25
200
175
IL = 100mA
TOTAL DOSE (KRADS)
0
0
0.5
1.0
200
RH3080 G06
–0.5
–1.0
–2.0
50
100
150
–1.5
2.0
1.5


Similar Part No. - RH3080MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDICE LINER-RH3080MKDICE Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDWF LINER-RH3080MKDWF Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
More results

Similar Description - RH3080MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com