Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH3845MK Datasheet(PDF) 1 Page - Linear Technology

Part # RH3845MK
Description  High Voltage Synchronous Step-Down Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3845MK Datasheet(HTML) 1 Page - Linear Technology

  RH3845MK Datasheet HTML 1Page - Linear Technology RH3845MK Datasheet HTML 2Page - Linear Technology RH3845MK Datasheet HTML 3Page - Linear Technology RH3845MK Datasheet HTML 4Page - Linear Technology RH3845MK Datasheet HTML 5Page - Linear Technology RH3845MK Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DICE/DWF SPECIFICATION
1
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
DICE PINOUT
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
113mils
× 124mils,
Backside Metal: Alloyed Gold Layer
Backside Potential: GND
DIE CROSS REFERENCE
LTC
® Finished
Part Number
Order
Part Number
RH3845MK
RH3845MK
RH3845MK DICE
RH3845MK DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
RH3845MK
High Voltage Synchronous
Step-Down Controller
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
VIN
SHDN
CSS
MODE
VFB
VC
SYNC
fSET
GND
GND
11.
12.
13.
14.
15.
16.
17.
18.
19.
20.
GND
SENSE
SENSE+
PGND
BG
VCC
SW
TG
BOOST
GND
The RH3845MK is a high voltage, synchronous, current
mode controller for medium to high power, high efficiency
supplies. It offers a wide 4V to 60V input range (7.5V
minimum start-up voltage). An onboard regulator sim-
plifies the biasing requirements by providing IC power
directly from VIN.
Additional features include an adjustable fixed operating
frequency synchronizable to an external clock for noise
sensitive applications, gate drivers capable of driving large
N-channel MOSFETs, a precision undervoltage lockout,
low shutdown current, short-circuit protection, and a
programmable soft-start.
(Note 1)
VIN ............................................................................65V
BOOST ......................................................................80V
BOOST to SW............................................................24V
VCC, MODE................................................................24V
SENSE+, SENSE.......................................................40V
SENSE+ TO SENSE..................................................±1V
SYNC, VFB, AND CSS ...................................................5V
SHDN Pin Current ....................................................1mA
Operating Junction Temperature Range...–55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19


Similar Part No. - RH3845MK

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH300 EXTECH-RH300 Datasheet
212Kb / 1P
   Digital Psychrometer
RH300-C33 EXTECH-RH300-C33 Datasheet
203Kb / 1P
   Big Digit Hygro-Thermometer
RH300-C75 EXTECH-RH300-C75 Datasheet
203Kb / 1P
   Big Digit Hygro-Thermometer
RH300-CAL EXTECH-RH300-CAL Datasheet
199Kb / 1P
   Temperature and Humidity Datalogger
RH300-CAL EXTECH-RH300-CAL Datasheet
121Kb / 8P
   Heavy Duty Dissolved Oxygen Meter
More results

Similar Description - RH3845MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com