Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 7Page - STMicroelectronics AN3014 Datasheet HTML 8Page - STMicroelectronics AN3014 Datasheet HTML 9Page - STMicroelectronics AN3014 Datasheet HTML 10Page - STMicroelectronics AN3014 Datasheet HTML 11Page - STMicroelectronics AN3014 Datasheet HTML 12Page - STMicroelectronics AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN3014
Efficiency measurement
Doc ID 16064 Rev 2
11/29
Light load operation efficiency
Measurement results are reported in Table 3 below and plotted in Figure 3. As shown,
efficiency is better than 68% even for very light loads, such as 1 W.
Figure 3.
Light load efficiency diagram
Table 3.
Light load efficiency
Test
230 V - 50 Hz
115 V - 60 Hz
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
[%]
0.25 W
18.97
13.2
0.250
0.610
41.05%
18.97
13.2
0.250
0.590
42.45%
0.5 W
18.97
26.4
0.501
0.877
57.18%
18.97
26.4
0.501
0.870
57.57%
1.0 W
18.97
52.7
0.999
1.467
68.13%
18.97
52.7
0.999
1.457
68.60%
1.5 W
18.98
79.0
1.499
2.160
69.41%
18.97
79.2
1.503
2.134
70.41%
2.0 W
18.97
105.5
2.002
2.822
70.93%
18.97
105.5
2.002
2.895
69.15%
2.5 W
18.97
131.8
2.500
3.558
70.27%
18.98
131.8
2.501
3.711
67.38%
3.0W
18.98
158.3
3.004
4.110
73.09%
18.97
158.3
3.002
4.230
70.97%
3.5 W
18.97
184.5
3.501
4.660
75.13%
18.97
184.5
3.501
4.637
75.49%
4.0 W
18.97
210.8
3.999
5.256
76.08%
18.97
210.8
3.999
5.234
76.40%
4.5 W
18.97
237.3
4.502
5.840
77.08%
18.97
237.3
4.502
5.830
77.22%
5.0 W
18.97
263.6
5.000
6.450
77.52%
18.97
263.6
5.001
6.420
77.89%


Similar Part No. - AN3014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3014 MA-COM-AN3014 Datasheet
142Kb / 3P
   Electrical Characterization of the MAAMSS0031 16 dB Gain Application Circuit
More results

Similar Description - AN3014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
   This application note describes the characteristics and the features
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
   This application note describes the characteristics and the features
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
   This application note describes the characteristics and features
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
   This application note describes the features
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
   This application note describes the characteristics and performance
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com