Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics AN3040 Datasheet HTML 13Page - STMicroelectronics AN3040 Datasheet HTML 14Page - STMicroelectronics AN3040 Datasheet HTML 15Page - STMicroelectronics AN3040 Datasheet HTML 16Page - STMicroelectronics AN3040 Datasheet HTML 17Page - STMicroelectronics AN3040 Datasheet HTML 18Page - STMicroelectronics AN3040 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AN3040
Experimental results
Doc ID 16181 Rev 2
15/27
4
Experimental results
The schematic of the tested board is shown in Figure 3. The board has been tested for
efficiency, power factor, total harmonic distortion and thermal behavior for the input voltage
range. Table 2 and Table 3 show the results obtained for a 45-minute test.
All the results are very good. Efficiency is approximately 85%, the power factor corrector is
constantly 0.9 and THD is lower than 10%.
With regard to the thermal behavior, it is easy to deduct fromTable 3 that there is a good
safety margin from the maximum junction temperature of the MOSFET.
4.1
Start sequence
As shown in Figure 5, it is during the start sequence that, as the IC supply voltage VCC
reaches VCCon, the half-bridge starts oscillating and the charge capacitor connected to TCH
begins charging. When the voltage at the TCH pin reaches VCHP (4.63 V), the same
capacitor is discharged following an exponential decrease steered by the time constant; this
defines the preheating time.
During this time, the EOI pin is forced to ground and the switching frequency is set by the
oscillator to the preheating value. When the voltage at the TCH pin drops down to
1.53 V, the EOI pin is exponentially charged according to a time constant that defines the
ignition time.
Table 2.
4 x 18 W T8 board performance
VIN(V)
PIN(W)
POUTlamp1-2(W)
η
IIN(A)
PF
THD(%)
85
82.3
34.4
83.6%
0.9
0.99
6
110
80
34.4
86%
0.997
0.99
4.4
140
78.5
34.4
87.6%
0.555
0.99
5.5
185
78.4
34.4
87.7%
0.424
0.98
6.5
230
77.7
34.4
88.5%
0.344
0.97
8.5
265
77.2
34.4
89.1%
0.301
0.95
10
Table 3.
4 x 18 W T8 thermal results of critic system components
VIN(V)
Ambient
temp (°C)
Temp
MOSLowSide(°C)
Temp
MOSHighSide(°C)
Temp
MOSPFC(°C)
Temp
L6585DE(°C)
85
25
54
55
120
44
110
25
53
54
108
43
140
25
53
54
102
43
185
25
53
54
94
43
230
25
53
54
84
43
265
25
53
54
74.5
43


Similar Part No. - AN3040

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN304 STANLEY-AN304 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
logo
List of Unclassifed Man...
AN304 ETC2-AN304 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN3044 STMICROELECTRONICS-AN3044 Datasheet
234Kb / 20P
   ECU level diagnostic with SPC563Mx and SPC564Ax
More results

Similar Description - AN3040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
   This application note describes a demonstration board able to drive
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
   This application note describes the demonstration board
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
   This application note describes the demonstration board EVL4984-350W
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
   This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
   This application note describes
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
   This Application Note describes
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
   This application note describes
AN2511 STMICROELECTRONICS-AN2511 Datasheet
650Kb / 43P
   This application note describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com