Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3302 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3302
Description  Monolithic power management for high definition ODD with
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3302 Datasheet HTML 1Page - STMicroelectronics AN3302 Datasheet HTML 2Page - STMicroelectronics AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Recommended PCB Iayout
AN3302
4/13
Doc ID 18163 Rev 1
2
Recommended PCB Iayout
2.1
Layout considerations
The layout is an important design step for all switching power supplies due to the high
switching frequency and peak current. If the layout is not performed carefully, important
parameters such as efficiency and output voltage ripple may be out of specification.
Short, wide traces must be implemented for the main current and for power ground paths.
The input capacitor must be placed as close as possible to the IO pins as well as the
inductor and output capacitor.
The feedback pin (FB) connection to the external resistor divider is a high impedance node,
so interference can be minimized by placing the routing of the feedback node as far as
possible from the high current paths. To reduce pick-up noise, the resistor divider must be
placed very close to the device.
A common ground node minimizes ground noise. The exposed pad of the package must be
connected to the common ground node.
Figure 3.
Recommended PCB layout
AM07857v1
AM07857v1


Similar Part No. - AN3302

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
AN33016UA PANASONIC-AN33016UA Datasheet
537Kb / 19P
   VIN = 5 to 39 V, VOUT = 1.2 to 9 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET
logo
Panasonic Battery Group
AN3301X PANASONICBATTERY-AN3301X Datasheet
431Kb / 2P
   Highly Reliable DC/DC Series Step-Down Regulators with Controllable Switching Frequency
logo
STMicroelectronics
AN3303 STMICROELECTRONICS-AN3303 Datasheet
2Mb / 27P
   Secondary-side rectification for an LLC resonant converter
More results

Similar Description - AN3302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STODD03 STMICROELECTRONICS-STODD03 Datasheet
612Kb / 16P
   Monolithic 2-channel power management for high-definition ODD with integrated power switch
August 2011 Rev 1
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
S2000AF STMICROELECTRONICS-S2000AF_07 Datasheet
99Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
March 2007 Rev 1
MD1802FH STMICROELECTRONICS-MD1802FH Datasheet
102Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
109Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD2310FX STMICROELECTRONICS-MD2310FX Datasheet
254Kb / 10P
   High voltage NPN Power transistor for standard definition CRT display
MD1803DFH STMICROELECTRONICS-MD1803DFH Datasheet
201Kb / 10P
   High voltage NPN Power transistor for standard definition CRT display
MD1803DFX_0609 STMICROELECTRONICS-MD1803DFX_0609 Datasheet
206Kb / 10P
   High voltage NPN Power transistor for standard Definition CRT display
MD1802FX STMICROELECTRONICS-MD1802FX_07 Datasheet
214Kb / 11P
   High voltage NPN power transistor for standard definition CRT display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com