Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ607 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SJ607
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ607 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SJ607_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ607_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14655EJ3V0DS
4
2SJ607
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
−1
−2
−3
−4
−5
VDS =
−10 V
−100
−10
−1
−1000
−0.1
TA =
−55˚C
25˚C
75˚C
125˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
−2
−3
−4
−300
−240
−180
−120
−60
0
−1
Pulsed
−5
−4.0 V
−4.5 V
VGS =
−10 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
−0.01
−0.1
−1
100
1000
−10
−100
1
10
Pulsed
VDS =
−10 V
0.1
TA = 125˚C
75˚C
25˚C
−55˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
−2
−4
−6
−8
Pulsed
30
20
10
0
−10
ID =
−83 A
−42 A
−17 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
−10
−1
20
16
12
8
4
0
−100
−1000
Pulsed
−4.5 V
−10 V
VGS =
−4.0 V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS =
−10 V
ID =
−1 mA
−1.0
−2.0
−3.0
−50
0
50
100
0
150
−4.0


Similar Part No. - 2SJ607_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ607-S NEC-2SJ607-S Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ607-S RENESAS-2SJ607-S Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ607-Z NEC-2SJ607-Z Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ607-Z RENESAS-2SJ607-Z Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ607-ZJ NEC-2SJ607-ZJ Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SJ607_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com