Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3401 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3401
Description  The SPV1001 and SPV1002 are system-in-package solutions
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3401 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3401 Datasheet HTML 7Page - STMicroelectronics AN3401 Datasheet HTML 8Page - STMicroelectronics AN3401 Datasheet HTML 9Page - STMicroelectronics AN3401 Datasheet HTML 10Page - STMicroelectronics AN3401 Datasheet HTML 11Page - STMicroelectronics AN3401 Datasheet HTML 12Page - STMicroelectronics AN3401 Datasheet HTML 13Page - STMicroelectronics AN3401 Datasheet HTML 14Page - STMicroelectronics AN3401 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN3401
Test results and device comparison
Doc ID 018842 Rev 1
11/18
7
Test results and device comparison
For every device and temperature condition an analysis has been done in terms of, power
dissipation and junction temperature.
7.1
Free devices at ambient temperature
For the average power the values are calculated using Equation 2.
Figure 9.
Power vs. Iak
In the same condition the measured junction temperatures are:
Figure 10.
Junction temp. vs. Iak
Schottky
20A
Schottky
30A
SPV1001
SPV1002
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
01234
56789
10
11
12
Pak (W)
Iak (A)
Power vs Iak
Schottky
20A
Schottky
30A
SPV1001
SPV1002
0
20
40
60
80
100
120
0123456789
10
11
12
TEMP (C)
Iak
(A)
Junction Temp vs Iak


Similar Part No. - AN3401

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
STMicroelectronics
AN3400 STMICROELECTRONICS-AN3400 Datasheet
4Mb / 78P
   Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
logo
Panasonic Semiconductor
AN34001A PANASONIC-AN34001A Datasheet
233Kb / 7P
   Nine-Output Linear Voltage Regulator
logo
STMicroelectronics
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
   Low power considerations for STM8TL5xxx devices
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results

Similar Description - AN3401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ULPMC10 ONSEMI-ULPMC10 Datasheet
159Kb / 19P
   Struix System-in-Package
July, 2015 ??Rev. 4
logo
THOR communications
F-CHASSIS THOR-F-CHASSIS Datasheet
2Mb / 1P
   The Thor Fiber Chassis systems are designed with system flexibility in mind.
logo
rfsolutions.ltd
RF600E RFSOLUTIONS-RF600E Datasheet
792Kb / 24P
   The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
logo
Kingston Technology Far...
OM8PGP4128P-A0 KINGSTON-OM8PGP4128P-A0 Datasheet
300Kb / 2P
   Perfect storage solutions for system designers and builders
OCP0S3128Q-A0 KINGSTON-OCP0S3128Q-A0 Datasheet
3Mb / 2P
   Perfect storage solutions for system designers and builders
MKF-951 KINGSTON-MKF-951 Datasheet
3Mb / 2P
   Perfect storage solutions for system designers and builders
OM8PDP364B-A01 KINGSTON-OM8PDP364B-A01 Datasheet
29Mb / 2P
   Perfect storage solutions for system designers and builders
logo
PHOENIX CONTACT
3212172 PHOENIX-3212172 Datasheet
69Kb / 4P
   The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring of conductors with ferrules or solid conductors
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Central Semiconductor C...
CTLDM3590_CTLDM7590 CENTRAL-CTLDM3590_CTLDM7590 Datasheet
1Mb / 2P
   MOSFETs in the TLM3D6D8 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com