Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3991 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3991
Description  How to drive multiple stepper motors with the L6470 motor driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3991 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3991 Datasheet HTML 2Page - STMicroelectronics AN3991 Datasheet HTML 3Page - STMicroelectronics AN3991 Datasheet HTML 4Page - STMicroelectronics AN3991 Datasheet HTML 5Page - STMicroelectronics AN3991 Datasheet HTML 6Page - STMicroelectronics AN3991 Datasheet HTML 7Page - STMicroelectronics AN3991 Datasheet HTML 8Page - STMicroelectronics AN3991 Datasheet HTML 9Page - STMicroelectronics AN3991 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Stepper motor characterization
AN3991
6/15
DocID022332 Rev 2
5
Stepper motor characterization
Determine Rph, the resistance per phase, and Lph, the inductance per phase for the
stepper motor. These are available from the stepper motor datasheet. These parameters
are needed to optimize the back EMF compensation. Also Ke, the motor back EMF constant
is needed. This is easily measured as described in the evaluation software help file (see
also dSPIN Ke measurement in Section : Motor back EMF constant (Ke) measurement on
page 11 of this document).
1.8 degree stepper motors are used in this evaluation.
6
Running the motor evaluation
After connecting the power supply and the stepper motors, and setting JP2 on each
EVAL6470H, turn on the power supply. Run the dSPIN evaluation tool.
You can find the application shortcut in the Windows start menu:
Start|Programs|STMicroelectronics|dSPIN evaluation Tool|dSPIN evaluation tool. Select the
STEVAL-PCC009V2 interface board.
Connect the USB connector from the STEVAL-PCC009V2 to the PC’s USB port. Complete
the driver installation as described in the dSPIN evaluation tool help file.
Click the “Connect Board” button in the toolbar (or select the menu item ToolsIConnect
board). The board connection status is indicated in the lower left corner.
The positioning tab is highlighted.
The device 1 is highlighted at the top of the display. The device 1 is the motor 1, the first of
three motors.
Physically move the shaft of the motor 1 to a position defined as “home” for demonstration
purposes.
Next, implement the back EMF compensation. Click the BEMF icon (or Tools|BEMF
compensation). Fill in the application parameters and motor parameters (Rph, Lph, Ke).
Click “Evaluate”, and then “Write”.


Similar Part No. - AN3991

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3992 STMICROELECTRONICS-AN3992 Datasheet
850Kb / 22P
   Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
   Getting started tutorial
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
   Audio playback and recording using the STM32F4DISCOVERY
AN3998 STMICROELECTRONICS-AN3998 Datasheet
96Kb / 10P
   PDM audio software decoding on STM32 microcontrollers
More results

Similar Description - AN3991

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
   Fully integrated microstepping motor driver using the L6470
March 2011 Rev 1
X-NUCLEO-IHM02A1 STMICROELECTRONICS-X-NUCLEO-IHM02A1 Datasheet
306Kb / 7P
   Two axis stepper motor driver expansion board based on the L6470 for STM32 Nucleo
December 2015
logo
List of Unclassifed Man...
PMODDHB1 ETC1-PMODDHB1 Datasheet
122Kb / 3P
   The PmodDHB1 uses the Texas Instruments DRV8833 dual H-Bridge motor driver chip to drive two DC motors or one stepper motor.
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
EVAL6474H STMICROELECTRONICS-EVAL6474H Datasheet
1Mb / 10P
   Stepper motor driver mounting the L6474
EVAL6208Q STMICROELECTRONICS-EVAL6208Q Datasheet
2Mb / 9P
   Stepper motor driver mounting the L6208Q
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com