Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4130 Datasheet HTML 1Page - STMicroelectronics AN4130 Datasheet HTML 2Page - STMicroelectronics AN4130 Datasheet HTML 3Page - STMicroelectronics AN4130 Datasheet HTML 4Page - STMicroelectronics AN4130 Datasheet HTML 5Page - STMicroelectronics AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
September 2012
Doc ID 023315 Rev 1
1/41
AN4130
Application note
STEVAL-ILL045V1: 120 V A19 dimmable high power factor 9 W
LED driver using the HVLED815PF
By Thomas Stamm
Introduction
The STEVAL-ILL045V1 demonstration board showcases ST's new HVLED815PF LED
driver chip. It solves the problem of low-cost drive circuitry for LED replacements for 40 W
incandescent or equivalent compact-fluorescent lamps.
The HVLED815PF is a new integrated power controller using primary-side control to
achieve LED current regulation within +/-5%. (It also has primary-side voltage regulation,
used here for open load protection.) The device incorporates an 800 V avalanche-rated FET
and fits in a standard SO-16 package. An internal startup circuit eliminates the need for
external rapid-start circuitry.
The PFC-flyback power converter operates in transition mode for highest efficiency and best
use of components. With the addition of a few extra components the HVLED815PF draws
near-sinusoidal input current from the AC line. The circuit regulates LED current over a wide
range of line voltage and LED string voltage, and is dimmable with standard Triac-based
dimmers.
Figure 1.
Images top and bottom
www.st.com


Similar Part No. - AN4130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN413 STMICROELECTRONICS-AN413 Datasheet
216Kb / 45P
   Initialization of the ST9
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
logo
STMicroelectronics
AN4138 STMICROELECTRONICS-AN4138 Datasheet
230Kb / 9P
   This application note presents the HSP061-2
More results

Similar Description - AN4130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
logo
International Rectifier
IRS2540 IRF-IRS2540 Datasheet
824Kb / 28P
   IRPLLED1 High Voltage LED Driver using the IRS2540
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
AN4350 STMICROELECTRONICS-AN4350 Datasheet
1Mb / 34P
   High power factor LED driver with constant voltage regulation based on HVLED815PF
AN2259 STMICROELECTRONICS-AN2259 Datasheet
313Kb / 38P
   High intensity LED driver using
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
   LOW VOLTAGE LED DRIVER USING
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
AN2507 STMICROELECTRONICS-AN2507 Datasheet
447Kb / 31P
   This application note explains the design of a FLASH LED driver using the STCF03 device
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
   Fully integrated microstepping motor driver using the L6470
March 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com