Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4163 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4163 Datasheet HTML 1Page - STMicroelectronics AN4163 Datasheet HTML 2Page - STMicroelectronics AN4163 Datasheet HTML 3Page - STMicroelectronics AN4163 Datasheet HTML 4Page - STMicroelectronics AN4163 Datasheet HTML 5Page - STMicroelectronics AN4163 Datasheet HTML 6Page - STMicroelectronics AN4163 Datasheet HTML 7Page - STMicroelectronics AN4163 Datasheet HTML 8Page - STMicroelectronics AN4163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DocID023658 Rev 2
3/33
AN4163
List of figures
33
List of figures
Figure 1.
EVL4984-350W demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
EVL4984-350W CCM PFC demonstration board electrical schematic. . . . . . . . . . . . . . . . . 7
Figure 3.
EVL4984-350W: compliance to EN61000-3-2 standard at full load . . . . . . . . . . . . . . . . . . . 8
Figure 4.
EVL4984-350W: compliance to JEITA-MITI standard at full load. . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
EVL4984-350W: compliance to EN61000-3-2 standard at 70 W load . . . . . . . . . . . . . . . . . 8
Figure 6.
EVL4984-350W: compliance to JEITA-MITI standard at 70 W load . . . . . . . . . . . . . . . . . . . 8
Figure 7.
EVL4984-350W input current waveform at 100 V - 60 Hz - 350 W load. . . . . . . . . . . . . . . . 9
Figure 8.
EVL4984-350W input current waveform at 230 V - 50 Hz - 350 W load. . . . . . . . . . . . . . . . 9
Figure 9.
EVL4984-350W input current waveform at 100 V - 60 Hz - half load . . . . . . . . . . . . . . . . . . 9
Figure 10.
EVL4984-350W input current waveform at 230 V - 50 Hz - half load . . . . . . . . . . . . . . . . . . 9
Figure 11.
EVL4984-350W input current waveform at 100 V - 60 Hz – 70 W load . . . . . . . . . . . . . . . 10
Figure 12.
EVL4984-350W input current waveform at 230 V - 50 Hz – 70 W load . . . . . . . . . . . . . . . 10
Figure 13.
Power factor vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 14.
THD vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 15.
Efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 16.
Average efficiency acc. to ES-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 17.
Static Vout regulation vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 18.
EVL4984-350W inductor current ripple envelope at 115 Vac - 60 Hz - full load . . . . . . . . . 12
Figure 19.
EVL4984-350W inductor current ripple (detail) at 115 Vac - 60 Hz - full load . . . . . . . . . . . 12
Figure 20.
EVL4984-350W inductor current ripple envelope at 230 Vac - 50 Hz - full load . . . . . . . . . 12
Figure 21.
EVL4984-350W inductor current ripple (detail) at 230 Vac - 50 Hz - full load . . . . . . . . . . . 12
Figure 22.
EVL4984-350W 115 Vac - 60 Hz - normal working condition . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 23.
EVL4984-350W input current shape at 100 Vac - 60 Hz - CFF = 470 nF, RFF = 390 kW . . 15
Figure 24.
EVL4984-350W input current shape at 100 Vac - 60 Hz - CFF = 1 µF, RFF = 1 MW. . . . . . 15
Figure 25.
EVL4984-350W input mains surge from 90 Vac to 140 Vac - full load - CFF = 1 mF. . . . . . 16
Figure 26.
L6562 FOT input mains surge from 90 Vac to 140 Vac - full load - NO VFF input . . . . . . . . 16
Figure 27.
EVL4984-350W input mains dip from 140 Vac to 90 Vac - full load - CFF = 1 mF . . . . . . . . 16
Figure 28.
L6562 FOT input mains dip from 140 Vac to 90 Vac - full load - NO VFF input. . . . . . . . . . 16
Figure 29.
EVL4984-350W start-up at 90 Vac -60 Hz - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 30.
EVL4984-350W start-up at 265 Vac -50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 31.
Vin 115 Vac - startup by VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Figure 32.
Vin 115 Vac - startup by VCC - details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 33.
Vin 115 Vac startup by VPFC_OK_E (burst mode like) on L4984D . . . . . . . . . . . . . . . . . . 18
Figure 34.
EVL4984-350W startup attempt at 80 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 35.
Vin 90 Vac - startup at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 36.
Vin 115 Vac - startup at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 37.
EVL6563S-400W startup with slow input voltage increasing - full load . . . . . . . . . . . . . . . 20
Figure 38.
EVL6563S-400W turn-off with slow input voltage decreasing - full load. . . . . . . . . . . . . . . 20
Figure 39.
EVL4984-350W startup at 265 V -50 Hz - 30 mA load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 40.
EVL4984-350W open loop at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 41.
Interface circuits that let dc-dc converter’s controller IC disable the L4984D . . . . . . . . . . . 22
Figure 42.
Thermal map at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 43.
Thermal map at 230 Vac - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 44.
115 Vac and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 45.
115 Vac and full load - neutral. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 46.
230 Vac and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 47.
230 Vac and full load - neutral. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


Similar Part No. - AN4163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
More results

Similar Description - AN4163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
   This application note describes the demonstration board
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
   This application note describes the EVL6699-150W-SR demonstration
AN3040 STMICROELECTRONICS-AN3040 Datasheet
698Kb / 27P
   This application note describes a demonstration board able to drive
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
   This application note describes a demonstration board able to drive
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com