Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4214 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4214
Description  High power factor flyback converter using the L6564
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4214 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4214 Datasheet HTML 1Page - STMicroelectronics AN4214 Datasheet HTML 2Page - STMicroelectronics AN4214 Datasheet HTML 3Page - STMicroelectronics AN4214 Datasheet HTML 4Page - STMicroelectronics AN4214 Datasheet HTML 5Page - STMicroelectronics AN4214 Datasheet HTML 6Page - STMicroelectronics AN4214 Datasheet HTML 7Page - STMicroelectronics AN4214 Datasheet HTML 8Page - STMicroelectronics AN4214 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
DocID023991 Rev 1
3/37
AN4214
List of tables
37
List of tables
Table 1.
Basic specifications of SMPS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 2.
Transformer specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Winding details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 4.
Test results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 5.
Bill of material . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 6.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36


Similar Part No. - AN4214

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN421 STMICROELECTRONICS-AN421 Datasheet
93Kb / 11P
   In real time applications
AN4210 STMICROELECTRONICS-AN4210 Datasheet
209Kb / 12P
   PowerSSO-12 devices evaluation board
AN4211 STMICROELECTRONICS-AN4211 Datasheet
796Kb / 13P
   Guidelines for soldering MEMS microphones
AN4212 STMICROELECTRONICS-AN4212 Datasheet
190Kb / 11P
   PowerSSO-24 devices evaluation board
AN4213 STMICROELECTRONICS-AN4213 Datasheet
5Mb / 42P
   Fluorescent lamps are increasingly driven by electronic
More results

Similar Description - AN4214

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
   Flyback Power Factor Controller
logo
SIFIRST TECHNOLOGIES NA...
SFL320 SIFIRST-SFL320 Datasheet
57Kb / 2P
   High Power Factor Flyback PWM Controller
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
STMicroelectronics
AN4314 STMICROELECTRONICS-AN4314 Datasheet
2Mb / 31P
   25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
logo
NXP Semiconductors
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
   120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com