Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4290 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4290
Description  This document describes how the SPI communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4290 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4290 Datasheet HTML 1Page - STMicroelectronics AN4290 Datasheet HTML 2Page - STMicroelectronics AN4290 Datasheet HTML 3Page - STMicroelectronics AN4290 Datasheet HTML 4Page - STMicroelectronics AN4290 Datasheet HTML 5Page - STMicroelectronics AN4290 Datasheet HTML 6Page - STMicroelectronics AN4290 Datasheet HTML 7Page - STMicroelectronics AN4290 Datasheet HTML 8Page - STMicroelectronics AN4290 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
AN4290
2/16
DocID024501 Rev 2
Contents
1
SPI communication interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Communication protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Reading and writing registers (GetParam and SetParam commands) . . . . . . . . . . 6
Releasing the failure flags (GetStatus command) . . . . . . . . . . . . . . . . . . . . . . . . . 10
No operation command (NOP). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Motion commands (L6470, L6472, L648x and powerSTEP01 only) . . . . . . . . . . . 11
2
Daisy chain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - AN4290

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4291 STMICROELECTRONICS-AN4291 Datasheet
2Mb / 53P
   STEVAL385LED4CH: four independent high brightness LED
logo
NXP Semiconductors
AN4292 NXP-AN4292 Datasheet
328Kb / 9P
   DEMOMMA8491 Xtrinsic Accelerometer Evaluation Kit
Rev 0, 10/2012
logo
STMicroelectronics
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
AN4299 STMICROELECTRONICS-AN4299 Datasheet
677Kb / 20P
   Immunity of touch sensing systems to conducted RF voltage is required
More results

Similar Description - AN4290

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
UM1561 STMICROELECTRONICS-UM1561 Datasheet
972Kb / 39P
   This document describes how the firmware to manage the 250 W micro-inverter demo
October 2012 Rev 1
AN2052 STMICROELECTRONICS-AN2052 Datasheet
380Kb / 13P
   This report describes how the frequency modulation reduces
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
TN0897 STMICROELECTRONICS-TN0897 Datasheet
452Kb / 28P
   The document describes a standardized SPI protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com