Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2815S Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # DAC2815S
Description  Wave Solderable Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2815S Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  DAC2815S_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EQUIVALENT SCHEMATIC
Isolated Step Down Power Supply
Microprocessor Power Source
Low Voltage Subsystem Power Source
TYPICAL APPLICATIONS
1
2
3
4
5
+Output
-Output
NC
Adjust/Comp
Shutdown Plus
PIN-OUT INFORMATION
Case
-Input
+Input
8
7
6
-65°C to +150°C
300°C
See Efficiency Curve
150°C
5.0°C/W
ABSOLUTE MAXIMUM RATINGS
Input Voltage (pin 7 to pin 6)
Input Transient (pin 7 to pin 6 @ 50mS)
Output Current
DAC2812S
DAC2815S
Case Temperature Range
DAC2800S H/E
DAC2800S
VIN
VINT
IOUT
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Thermal Resistance
(Switches)
TST
TLD
PD
TJ
θJC
Rev. E 5/08
2
NOTE: Continuous operation at or above the absolute maximum ratings may adversely effect the performance
and/or life of the device.
+50V
80V
450mA
360mA
-55°C to +125°C
-40°C to +85°C


Similar Part No. - DAC2815S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2815SE MSK-DAC2815SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2815SH MSK-DAC2815SH Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Similar Description - DAC2815S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
logo
IXYS Corporation
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1906 IXYS-CPC1906 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1945Y IXYS-CPC1945Y Datasheet
102Kb / 6P
   Machine Insertable, Wave Solderable
CPC1963 IXYS-CPC1963 Datasheet
113Kb / 7P
   Machine Insertable, Wave Solderable
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com