Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2815S Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # DAC2815S
Description  Wave Solderable Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2815S Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  DAC2815S_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2815S_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6572
www.mskennedy.com
Rev. E 5/08
9
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
ORDERING INFORMATION
Screening
Level
Part
Number
DAC2812S
DAC2812SE
DAC2812SH
5962-93093
5962-94631
DAC2815S
DAC2815SE
DAC2815SH
Output
Voltage
Industrial
Extended Reliability
MIL-PRF-38534 Class H
DSCC-SMD
DSCC-SMD
Industrial
Extended Reliability
MIL-PRF-38534 Class H
12V
15V
Contains Internal BeO (Beryllium Oxide)
Weight=14.2 Grams Typical


Similar Part No. - DAC2815S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2815SE MSK-DAC2815SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2815SH MSK-DAC2815SH Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Similar Description - DAC2815S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
logo
IXYS Corporation
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1906 IXYS-CPC1906 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1945Y IXYS-CPC1945Y Datasheet
102Kb / 6P
   Machine Insertable, Wave Solderable
CPC1963 IXYS-CPC1963 Datasheet
113Kb / 7P
   Machine Insertable, Wave Solderable
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com