Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1118 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1118
Description  800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118 Datasheet(HTML) 7 Page - Linear Technology

  LT1118_15 Datasheet HTML 1Page - Linear Technology LT1118_15 Datasheet HTML 2Page - Linear Technology LT1118_15 Datasheet HTML 3Page - Linear Technology LT1118_15 Datasheet HTML 4Page - Linear Technology LT1118_15 Datasheet HTML 5Page - Linear Technology LT1118_15 Datasheet HTML 6Page - Linear Technology LT1118_15 Datasheet HTML 7Page - Linear Technology LT1118_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
7
1118fd
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
ST Package
3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(Reference LTC DWG # 05-08-1610)
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.114 – .124
(2.90 – 3.15)
.248 – .264
(6.30 – 6.71)
.130 – .146
(3.30 – 3.71)
.264 – .287
(6.70 – 7.30)
.0905
(2.30)
BSC
.033 – .041
(0.84 – 1.04)
.181
(4.60)
BSC
.024 – .033
(0.60 – 0.84)
.071
(1.80)
MAX
10
°
MAX
.012
(0.31)
MIN
.0008 – .0040
(0.0203 – 0.1016)
10
° – 16°
.010 – .014
(0.25 – 0.36)
10
° – 16°
RECOMMENDED SOLDER PAD LAYOUT
ST3 (SOT-233) 0502
.129 MAX
.059 MAX
.059 MAX
.181 MAX
.039 MAX
.248 BSC
.090
BSC


Similar Part No. - LT1118_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-2.5 LINER-LT1118-2.5 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com