Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1227 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1227
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1227_15 Datasheet HTML 4Page - Linear Technology LT1227_15 Datasheet HTML 5Page - Linear Technology LT1227_15 Datasheet HTML 6Page - Linear Technology LT1227_15 Datasheet HTML 7Page - Linear Technology LT1227_15 Datasheet HTML 8Page - Linear Technology LT1227_15 Datasheet HTML 9Page - Linear Technology LT1227_15 Datasheet HTML 10Page - Linear Technology LT1227_15 Datasheet HTML 11Page - Linear Technology LT1227_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1227
S
APPLICATI
TYPICAL
MUX Amplifier
The shutdown function can be effectively used to con-
struct a MUX amplifier. A two-channel version is shown,
but more inputs could be added with suitable logic. By
configuring each amplifier as a unity-gain follower, there
is no loading by the feedback network when the amplifier
is off. The open drains of the 74C906 buffers are used to
interface the 5V logic to the shutdown pin. Feedthrough
from the unselected input to the output is –70dB at
10MHz. The differential voltage between MUX inputs VIN1
and VIN2 appears across the inputs of the shutdown
device, this voltage should be less than
±5V to avoid
turning on the clamp diodes discussed previously. If the
inputs are sinusoidal having a zero DC level, this implies
that the amplitude of each input should be less than
5VP-P. The output impedance of the off amplifier remains
high until the output level exceeds approximately 6VP-P at
10MHz, this sets the maximum usable output level. Switch-
ing time between inputs is about 4
µs without an external
pullup. Adding a 10k pullup resistor from each shutdown
pin to V+ will reduce the switching time to 2
µs but will
increase the positive supply current in shutdown by 1.5mA.
MUX Amplifier
INPUT
SELECT
VOUT
MUX Input Crosstalk vs Frequency
FREQUENCY (MHz)
1
–90
–80
–70
–60
–50
–40
10
100
LT1227 TA05
5V
74HC04
5V
74C906
+
LT1227
1227 TA04
INPUT
SELECT
VOUT
S/D
+
LT1227
15V
–15V
1.5k
5V
74C906
VIN1
15V
–15V
VIN2
1.5k
S/D
VOUT
VIN
= 1
MUX Output
TA03
VIN1 = 1VP-P, VIN2 = 0V


Similar Part No. - LT1227_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227C LINER-LT1227C Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com